Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL0422PS-R3 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTL0422PS-R3
Description  P-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL0422PS-R3 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTL0422PS-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL0422PS-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Nov, 2013
CTL0422PS-R3
P-Channel Enhancement MOSFET
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Static Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVDSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= -
250μA
-20
-
-
V
IDSS
Drain-Source Leakage Current
VDS = -16V, VGS = 0V
-
-
-1
µ A
IGSS
Gate-Source Leakage Current
VGS = ±8V, VDS = 0V
-
-
±100
nA
On Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
RDS(ON)
Drain-Source On-Resistance
VGS = -4.5V, ID = -4.0A
-
45
50
mΩ
3
VGS = -2.5V, ID = -3.0A
-
52
65
mΩ
VGS = -1.8V, ID = -2.0A
-
60
75
mΩ
VGS(th)
Gate-Source Threshold Voltage
VGS = VDS,
ID =-
250μA
-0.25
-0.5
-1.0
V
3
Dynamic Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CISS
Input Capacitance
VGS =0V,
VDS=-10V,
f=1MHz
f=1MHz
-
220
-
pF
COSS
Output Capacitance
VDS =-10V
-
95
-
CRSS
Reverse Transfer Capacitance
f=1MHz
-
30
-
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TD(ON)
Turn-On Delay Time
VDS = -10V ,
VGS = -4.5V,
RG = 3
Ω,
RL= 2.5
Ω,
-
560
-
ns
TR
Rise Time
-
4000
-
TD(OFF)
Turn-Off Delay Time
-
400
-
TF
Fall Time
-
4000
-
QG
Total Gate Charge
VDS = -10V ,
-
10.5
-
nC
QGS
Gate-Source Charge
VGS = -4.5V,
-
0.5
-
QGD
Gate-Drain Charge
ID = -4A
-
3
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com