Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBS001A Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBS001A
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBS001A Datasheet(HTML) 1 Page - Comchip Technology

  CDBS001A Datasheet HTML 1Page - Comchip Technology CDBS001A Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Io = 100mA
VR = 30 Volt s
0.087(2.20)
0.079(2.00)
0.016(0.40) Typ
0.055(1.40)
0.047(1.20)
0.043 (1.10)
0.035(0.90)
0.008(R0.2) Typ.
Dimensions in inches and (millimeter)
0805(2012)
CDBS001A
Features
Designed for mounting on small surface
Extremely thin package
Low stored charge
Majority carrier conduction
Mechanical data
Case: 0805(2012) Standard package,
molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Mounting position: Any
Weight: 0.0048 gram (approximately)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Page 1
Page 1
Parameter
Repetitive peak reverse voltage
Average forward current
Forward current , surge peak
Capacitance between terminals
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM, VR
IO
IFSM
CT
PD
TSTG
T j
Min
-40
-40
Max
30
100
6
300
+125
+125
Unit
V
V
V
V
V
uA
Typ
1000
Parameter
Forward voltage 1
Forward voltage 2
Forward voltage 3
Forward voltage 4
Forward voltage 5
Reverse current
Conditions
IF = 0.1 mA DC
IF = 1 mA D C
IF = 10 m A DC
IF = 30 m A DC
IF = 100 mA DC
VR = 25 V
Symbol
VF
VF
VF
VF
Min Typ Max
0.24
0.32
0.40
0.50
1.00
2
Unit
C
C
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
F=1MHZ and 10 V DC reverse voltage
Maximum Rating ( at TA = 25
C unless otherwise noted )
V
mA
mA
pF
mW
Symbol
VRRM, VR
IO
IFSM
CT
PD
TSTG
T j
Electrical Characteristics ( at TA = 25 C unless otherwise noted )
VF
IR
RDS0208017-C


Similar Part No. - CDBS001A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBS00340 COMCHIP-CDBS00340 Datasheet
61Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBS001A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com