Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBS001A Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBS001A
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBS001A Datasheet(HTML) 2 Page - Comchip Technology

  CDBS001A Datasheet HTML 1Page - Comchip Technology CDBS001A Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES (CDBS001A)
Fig. 1 - Forward characteristics
Forward voltage (V)
Reverse voltage (V)
Fig. 2 - Reverse characteristics
Fig. 4 - Current derating curve
Ambient temperature ( C )
0
20
40
60
80
100
0
25
50
75
100
125
150
Mounting on glass epoxy PCBs
www.comchip.com.tw
COMCHIP
COMCHIP
Fig. 3 - Capacitance between
terminals characteristics
20
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
Page 2
75 C
25 C
125 C
0.1
0.2
0.4
0.6
0
0.5
0.3
100u
10u
1m
100n
1u
0
10
20
30
40
50
1000
1
10
100
f = 1 MHz
Ta = 25 C
RDS0208017-C
Reverse voltage (V)
1
10
30
0
5
10
15
20
25
35



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com