Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD1530 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBD1530
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD1530 Datasheet(HTML) 1 Page - Comchip Technology

  CDBD1530 Datasheet HTML 1Page - Comchip Technology CDBD1530 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 20 - 60 Volts
Forward Current: 15.0 Amp
CDBD1530 Thru CDBD1560
Features
Low forward voltage
Low Switching noise
High surge capacity
Lower power loss & high efficiency
Similar size to instrial TO-220 package
Plastic package has Underwriters Lab.
flammability classification 94V-0
Guarentee reverse avalanche
Guard-ring for transient protection
Mechanical data
Case: JEDEC DO-263AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Approx. Weight: 2.24 gram
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0211008A
Page 1
Note 1: Thermal resistance from junction to Case.
A
B
C
D
E
G
H
J
K
S
V
X
A
B
C
D
E
G
H
J
K
S
V
X
MIN 8.12 9.90 4.23 0.51 1.27 2.54 2.03 0.30 2.29 14.60 1.57 ----
Max 8.92 10.30 4.83 0.89 1.53 BSC 2.79 0.50 2.90 15.88 1.83 1.40
Unit: millimeter
TO-263AB (D2-PAK)
Maximum Ratings and Electrical Characterics
Parameter
Max.Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max.Forward Current at 7.5A Tj=25 C
Tj=100 C
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25 C
Ta=100 C
Typical Thermal Resistance (Note 1)
Operating Junction temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JC
T j
TSTG
Unit
V
V
V
A
A
V
. A
C/W
C
C
CDBD1530
CDBD1560
CDBD1550
CDBD1545
30
30
21
60
60
42
50
50
35
45
45
32
15
0.55
0.48
0.65
0.57
-50 to +125
30
1.0
50
-65 to +150
CDBD1540
40
40
28
150


Similar Part No. - CDBD1530

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD10100-G COMCHIP-CDBD10100-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD10100-HF COMCHIP-CDBD10100-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD10150-G COMCHIP-CDBD10150-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD10150-HF COMCHIP-CDBD10150-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD1020-G COMCHIP-CDBD1020-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
More results

Similar Description - CDBD1530

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com