Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD1530 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD1530
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD1530 Datasheet(HTML) 2 Page - Comchip Technology

  CDBD1530 Datasheet HTML 1Page - Comchip Technology CDBD1530 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves (CDBD1630 Thru CDBD1660)
Fig. 1 - Reverse characteristics
Percent of rated peak reverse voltage (%)
Fig. 4 - Current derating curve
0
9.0
18
160
20
40
60
80
100
120
140
www.comchip.com.tw
COMCHIP
COMCHIP
0
20
40
60
80
100
120
140
160
180
200
Forward voltage (V)
Fig.2 - Forward characteristics
MDS0211008A
Page 2
Fig. 3 - Junction capacitance
0.0 0.2 0.4
0.6
0.8
1.0
1.2
1.4 1.6
1.8 2.0
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
3.0
6.0
15
12
Fig. 5 - Non repetitive forward
surge current
8.3ms single half sine
wave JEDEC method
0
30
60
150
120
90
1
5
10
50
1 00
Number of cycles at 60Hz
Reverse voltage (V)
1
100
10
0.1
0.01
Ambient temperature ( C)
Tj=25 C
0.1
1.0
10
100
Tj=25 C
Pulse width 300uS
1% duty cycle
10
100
100
1000
1.0
10
f = 1 MHz and applied
4VDC reverse voltage
CDBD
1630-
1645
CDBD165
0-1660



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com