Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD835L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBD835L
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD835L Datasheet(HTML) 1 Page - Comchip Technology

  CDBD835L Datasheet HTML 1Page - Comchip Technology CDBD835L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 35 Volts
Forward Current: 8.0 Amp
CDBD835L
Features
Lead formed for surface mount
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Low Switching Noise
Low forward voltage drop
Mechanical data
Case: TO-252AA molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Mounting position: Any
Approx. Weight: 0.295 gram
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0211012A
Page 1
Parameter
Max.Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Average Rectifier Forward Current (Note 1)
Peak Repetitive Foward Current (at Rated VR,
Square Wave, 20KHz, Tc=80 C)
Max. Instantaneous Forward Current at 8.0 A (Note 2)
Max. DC Reverse Current at Rated DC Blocking
Voltage
Ta=25
Ta=100
Max. Thermal Resistance (Note 3)
Operating Junction temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
IF(AV)
IFRM
V F
I R
R JA
R JC
T j
TSTG
Unit
V
V
V
A
A
A
V
A
C/W
Note 1. Total deviceRated Vp at Tc=100 C
2. Pulse width = 300uS, duty cycle less than 2%.
3. Thermal resistance from junction to ambient and junction to case mounted on minimum pad size recommended
CDBD835
35
35
24.5
75
8.0
0.5
-65 to +125
80
6.0
1.4
-65 to +150
35
C
C
A
5.40
5.60
B
6.30
6.70
C
2.20
2.40
D
5.20
5.50
E
8.00
10.00
F
6.60
7.00
G
2.40
3.00
H
0.90
1.50
I
0.45
0.55
J
0.45
0.60
K
0.90
1.50
L
0.70
0.90
M
0.50
0.70
N
0.60
0.90
P
2.70
3.10
Q
5.00
5.40
S
4.80
5.20
T
2.30
V
1.20
1.40
X
0.80
1.20
DIM
Min.
Max.
Unit: Millmeters
TO-252AA (D-PAK)
2
16
C
C


Similar Part No. - CDBD835L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBD8060-G COMCHIP-CDBD8060-G Datasheet
59Kb / 3P
Chip Schottky Barrier Rectifier
CDBD8060-HF COMCHIP-CDBD8060-HF Datasheet
76Kb / 3P
Chip Schottky Barrier Rectifier
CDBD8100-G COMCHIP-CDBD8100-G Datasheet
59Kb / 3P
Chip Schottky Barrier Rectifier
CDBD8100-HF COMCHIP-CDBD8100-HF Datasheet
76Kb / 3P
Chip Schottky Barrier Rectifier
More results

Similar Description - CDBD835L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com