Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD835L Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD835L
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD835L Datasheet(HTML) 2 Page - Comchip Technology

  CDBD835L Datasheet HTML 1Page - Comchip Technology CDBD835L Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curves (CDBD835L)
Fig. 2 - Forward Characteristics
Forward Voltage (Volts)
Fig. 4 - Current Derating Curve
0
4.5
9.0
160
20
40
60
80
100
120
140
www.comchip.com.tw
COMCHIP
COMCHIP
0
0.1
0.2
0.3
0.4
0.5
0.6
1.0
10
50
200
MDS0211012A
Page 2
Fig. 3 - Junction Capacitance
0
400
600
2000
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
1.5
3.0
7.5
6.0
1000
Reverse Voltage (V)
1
10
0.1
0.01
Ambient Temperature ( C)
Tj=25 C
Tj=125 C
Fig.1 - Reverse Characteristics
0
5
10
15
20
25
30
35
1000
100
10
1
0.1
0.01
0.001
Reverse Voltage (Volts)
Tj=25 C
Tj=125 C
Tj=100 C
Tj=25 C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com