Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC436AJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC436AJ
Description  200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC436AJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC436AJ Datasheet HTML 1Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
2.3mA supply current
s
200MHz unity-gain bandwidth
s
2400V/
µs slew rate
s
Unity gain stable
s
110dB common-mode rejection ratio
s
80mA drive current
s
>20Vpp output swing
s
±5V to ±15V supplies
Applications
s
Video line driver
s
Video ADC driver
s
Desktop Multimedia
s
Low powered cable driver
s
Video DAC buffer
s
Active filters/integrators
s
NTSC & PAL video systems
General Description
The Comlinear CLC436 is a high-performance, low power,
voltage-feedback operational amplifier that has been designed
for a wide range of low-cost applications. The CLC436 is
specified to operate from dual ±5V to dual ±15V power supplies.
Operating from ±5V supplies, the unity gain stable CLC436
consumes a mere 23mW of power and features a 150MHz
bandwidth and 850V/
µs slew rate. Operating from ±15V power
supplies, the CLC436 consumes only 69mW (Icc = 2.3mA) to
provide a 200MHz unity-gain bandwidth, a very fast 2400V/
µs
slew rate and 13ns rise/fall times (5V step). At ±15V, the device
also provides large signal swings (>20Vpp) to give high dynamic
range and signal-to-noise ratio.
As a low-power NTSC or PAL video line-driver, the CLC436
delivers low differential gain and phase errors (0.2%, 1.2°) and
very high output drive current of 80mA. When used as a video
ADC driver, the CLC436 offers low Total Harmonic Distortion
(THD) and high Spurious Free Dynamic Range (SFDR).
Because of it’s voltage feedback topology, the CLC436
allows use of reactive elements in the feedback path and can
be
configured
as
an
excellent
active
filter
for
video-
reconstruction DACs.
The CLC436’s combination of low cost and high performance in
addition to its low-power voltage-feedback topology make it a
versatile signal conditioning building block for a wide range
of price-sensitive applications.
Frequency Response (Av = +2V/V)
Vout = 0.5Vpp
Vcc = ±15V
RL = 1kΩ
C
120pF
Bandpass
Output
Vin
R1
6631
Ω
R3
1326
Ω
-
+
CLC436
R4
3315
Ω
-
+
CLC436
R2
1326
Ω
C
120pF
Low-pass
Output
-
+
CLC436
R
500
Ω
R
500
Ω
Typical Application
State-Variable Filter (1MHz, Q = 5, G = 2)
Pinout
DIP & SOIC
Bandpass Output
Frequency (MHz)
10
5
-20
0.1
1
10
0
-5
-10
-15
Comlinear CLC436
200MHz, ±15V, Low-Power Voltage Feedback Op Amp
August 1996
N
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC436AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC430 NSC-CLC430 Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430A8B NSC-CLC430A8B Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430AJE NSC-CLC430AJE Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC430AJP NSC-CLC430AJP Datasheet
1Mb / 8P
General Purpose 100MHz Op Amp with Disable
CLC431 NSC-CLC431 Datasheet
863Kb / 8P
Dual Wideband Monolithic Op Amp with Disable
More results

Similar Description - CLC436AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
Wideband, Low-Noise, Voltage Feedback Op Amp
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
CLC5802 NSC-CLC5802 Datasheet
420Kb / 12P
Dual Low-Noise, Voltage Feedback Op Amp
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
logo
Micrel Semiconductor
MIC912 MICREL-MIC912 Datasheet
554Kb / 12P
200MHz Low-Power SOT-23-5 Op Amp
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
Micrel Semiconductor
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
200MHz Low-Power SOT23-5 Op Amp
logo
Analog Devices
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
logo
Texas Instruments
OPA837 TI1-OPA837_18 Datasheet
2Mb / 57P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
OPA837_1809 TI1-OPA837_1809 Datasheet
2Mb / 58P
Low-Power, Precision, 105-MHz, Voltage-Feedback Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com