Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC436AJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC436AJ
Description  200MHz, 짹15V, Low-Power Voltage Feedback Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC436AJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC436AJ Datasheet HTML 1Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC436AJ Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PARAMETERS
CONDITIONS
Vcc
TYP
MIN/MAX RATINGS
UNITS
NOTES
CLC436AJ
25°
25°
0° to +70° -40° to +85°
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vout < 0.5Vpp (AJP)
±15, ±5
96,55
50
50
50
MHz
B
Vout < 0.5Vpp (AJE)
±15, ±5
96,55
50
60
40
MHz
B
Vout < 10Vpp
25
21
20
16
MHz
-3dB bandwidth AV = +1
Vout < 0.5Vpp, Rf = 0 ±15, ±5
200,150
MHz
gain flatness
Vout < 0.5Vpp
rolloff
DC to 20MHz
0.6
1.2
1.2
1.2
dB
B
peaking
DC to 10MHz
0
0.03
0.03
0.03
dB
B
linear phase deviation
DC to 10MHz
0.5
deg
differential gain
4.43MHz, RL=150Ω
0.2
%
differential phase
4.43MHz, RL=150Ω
1.2
deg
gain bandwidth product
Vout < 2.0Vpp
±15, ±5
200,100
MHz
TIME DOMAIN RESPONSE
rise and fall time
2V step, tr(in) = 5ns
11
13
14
18
ns
5V step, tr(in) = 5ns
13
16
18
20
ns
settling time to 0.05%
2V step, tr(in) = 5ns
±15, ±5
36,48
42
65
85
ns
overshoot
2V step, tr(in) = 5ns
0.5
1
2
2
%
slew rate
5V step, tr(in) = 5ns
±15, ±5
2400,850
2000
1900
1600
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1Vpp, 1MHz
-72
-65
-62
-62
dBc
3rd harmonic distortion
1Vpp, 1MHz
-70
-62
-60
-60
dBc
2nd harmonic distortion
1Vpp, 5MHz
-65
-56
-56
-53
dBc
B
3rd harmonic distortion
1Vpp, 5MHz
-63
-54
-54
-54
dBc
B
input voltage noise
@1kHz
11
12.6
13.5
14.1
nV/
√Hz
current noise
@1kHz
0.8
1.5
1.9
2.3
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
±15, ±5
1.5,1.5
5
5
5
mV
A
average drift
6
–
40
70
µV/˚C
input bias current
±15, ±5
1,1.2
3
3
4
µAA
average drift
4
–
50
70
nA/˚C
input offset current
±15, ±5
0.1,0.1
1
1
3
µAA
power supply rejection ratio
DC
95
75
75
75
dB
B
common-mode rejection ratio DC
110
75
73
70
dB
supply current
RL= ∞
2.3
4
4
4
mA
A
open loop gain
±15, ±5
85,80
dB
MISCELLANEOUS PERFORMANCE
input resistance
common-mode
40
20
15
10
M
Ω
input capacitance
common-mode
2
3
3
5
pF
input resistance
differential-mode
4.9
4.0
3.0
2.5
M
Ω
input voltage range
common-mode
±15
±12
±11
±10.5
±10
V
input voltage range
common-mode
±5
±3
V
output voltage range
RL = 100Ω
±15
+11.6/-10.5
+8.5/-8.5
+8.5/-8.5
+8.5/-8.5
V
RL = ∞
±15
+13/-12.2
+12/-12
+12/-12
+12/-12
V
output voltage range
RL = 100Ω
±5
±2.8
V
RL = ∞
±5
±3.4
V
output resistance, closed loop
0.01
0.05
0.07
0.1
Ω
output current sourcing
±15, ±5
120,90
100
95
90
mA
output current sinking
±15, ±5
80,40
75
70
65
mA
CLC436 Electrical Characteristics (Vcc = ±15V, Av = +2, R
f = 499W, RL = 1kW; unless specified)
Absolute Maximum Ratings
supply voltage
±18.0V
maximum junction temperature
+150˚C
storage temperature range
-65˚C to +150˚C
lead temperature (soldering 10 sec)
+260˚C
Ordering Information
Model
Temperature Range
Description
CLC436AJP
-40˚C to +85˚C
8-pin PDIP
CLC436AJE
-40˚C to +85˚C
8-pin SOIC
Notes
A) J-level: spec is 100% tested at +25˚C, sample tested at +85˚C.
B) J-level: spec is sample tested at +25˚C.
Package Thermal Resistance
Package
θ
JC
θ
JA
Plastic (AJP)
90°C/W
105°C/W
Surface Mount (AJE)
120°C/W
140°C/W
http://www.national.com
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com