Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 1 Page - Comchip Technology

Part # BAS40
Description  Surface Mount Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS40 Datasheet(HTML) 1 Page - Comchip Technology

  BAS40 Datasheet HTML 1Page - Comchip Technology BAS40 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.comchip.com.tw
COMCHIP
COMCHIP
SOT-23
Dimensions in inches (millimeters)
MDS021
1002A
Page 1
.037(0.95) .037(0.95)
.119 (3.0)
.020 (0.5)
.020 (0.5)
Top View
.103 (2.6)
.110 (2.8)
.086 (2.2)
.020 (0.5)
1
2
BAS40
ANODE
3
CATHODE
1
2
ANODE
CATHODE
3
ANODE
CATHODE
1
2
ANODE
CATHODE
3
ANODE
BAS40-06
BAS40-05
1
CATHODE
1
2
BAS40-04
ANODE
CATHODE
3
ANODE
3
2
1
Rating
Symbol
Value
Units
Repetitive Peak Reverse Voltage
VRRM
40
V
Forward Continuous Current at Tamb = 25°C
IF
200(1)
mA
Surge Forward Current at tp < 1 s, Tamb = 25°C
IFSM
600(1)
mA
Power Dissipation(1) at Tamb = 25°C
Ptot
200(1)
mW
Thermal Resistance Junction to Ambiant Air
RthJA
430(1)
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Reverse Breakdown Voltage
V(BR)R
IR =10µA (pulsed)
40.0
-
-
V
Pulse Test tp < 300µs
VR = 30V
Pulse Test tp < 300µs
IF = 1mA
-
-
380
mV
IF = 40mA
-
-
1000
mV
VR = 0V
f = 1MHz
IF = 10mA, IR = 10mA
Irr = 1mA, RL = 100
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
20
Note: (1) Device on fiberglass substrate, see layout on next page.
Electrical Characterics (TA = 25°C unless otherwise noted)
IR
Leakage Current
Capacitance
Ctot
Forward Voltage
VF
Reverse Recovery Time
Trr
-
-
-
40
-
100.0
nA
5pF
5nS
Voltage:
40 Volts
Power: 200mW
BAS40 Thru BAS40-06
Features
Low Turn-on Voltage
Low Forward Voltage - 0.5V(Max) @ IF = 30 mA
Very Low Capacitance - Less Than 5.0pF @ 1V
For high speed switching application, circuit
protection
Mechanical data
Case: SOT-23, Molded Plastic
Weight: 0.008 grams (approx.)
Mounting Position: Any
Surface Mount Schottky Diode


Similar Part No. - BAS40

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40 PHILIPS-BAS40 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40 SIEMENS-BAS40 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
BAS40 SIEMENS-BAS40 Datasheet
96Kb / 4P
HiRel Silicon Schottky Diode (HiRel Discrete and Microwave Semiconductor General-purpose diodes for high-speed switching Circuit protection)
logo
Diodes Incorporated
BAS40 DIODES-BAS40 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40 GE-BAS40 Datasheet
51Kb / 2P
Schottky Diodes
More results

Similar Description - BAS40

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMHSH-3 CENTRAL-CMHSH-3 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY DIODE
logo
Pan Jit International I...
RB520S30 PANJIT-RB520S30 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Comchip Technology
BAS54 COMCHIP-BAS54 Datasheet
63Kb / 2P
Surface Mount Schottky Diode
logo
Pan Jit International I...
RB551V30 PANJIT-RB551V30 Datasheet
107Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD330W PANJIT-MMBD330W Datasheet
58Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
PJRB461F PANJIT-PJRB461F Datasheet
89Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
RB551V-30 PANJIT-RB551V-30 Datasheet
156Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
MMBD301 PANJIT-MMBD301_13 Datasheet
186Kb / 5P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB501V-40 UTC-RB501V-40 Datasheet
131Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Shanghai Leiditech Elec...
1SS357 LEIDITECH-1SS357 Datasheet
435Kb / 2P
Surface mount schottky diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com