Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTW450X2VT2 Datasheet(PDF) 12 Page - CT Micro International Corporation

Part # CTW450X2VT2
Description  High Speed Phototransistor Optocoupl
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW450X2VT2 Datasheet(HTML) 12 Page - CT Micro International Corporation

Back Button CTW450X2VT2 Datasheet HTML 7Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 8Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 9Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 10Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 11Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 12Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 13Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 14Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 12
Apr, 2016
CTW135, CTW136, CTW4502, CTW4503
9mm, 1Mbit/s High Speed Phototransistor Optocoupl
er
Ordering Information
CTW13X(V)(Y)(Z)
or
CTW450X(V)(Y)(Z)
X = Part No. (5,6 for CTW13X series), (2,3 for CTW450X series)
V = VDE Option ( V or None)
Y = Lead form option (SL, or none)
Z = Tape and reel option (T1, T2 or none)
Option
Description
Quantity
None
Standard 8 Pin Dip
40 Units/Tube
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
750 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming– With Option 2 Taping
750 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com