Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTW450X2VT2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTW450X2VT2
Description  High Speed Phototransistor Optocoupl
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW450X2VT2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTW450X2VT2 Datasheet HTML 1Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 2Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 3Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 4Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 5Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 6Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 7Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 8Page - CT Micro International Corporation CTW450X2VT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 1
Apr, 2016
CTW135, CTW136, CTW4502, CTW4503
9mm, 1Mbit/s High Speed Phototransistor Optocoupl
er
Features
•
•
•
•
High speed 1MBit/s
•
•
•
•
High isolation voltage between input and output
(Viso=5000 Vrms )
•
•
•
•
Guaranteed CTR performance from 0°C to 70°C
•
•
•
•
Wide operating temperature range of -55°C to
100°C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Line receivers
•
•
•
•
Telecommunication equipment
•
•
•
•
High speed logic ground isolation
•
•
•
•
Feedback loop in switch-mode power supplies
•
•
•
•
Home appliances
Package Outline
Schematic
CTW135 / CTW136
Pin 7 not connected for CTW4502/CTW4503
Note: Different bending options available. See package
dimension.
Description
The CTW135, CTW136, CTW4502, and CTW4503
devices each consist of an infrared emitting diode,
optically coupled to a high speed photo detector
transistor. A separate connection for the photodiode
bias and output-transistor collector increase the
speed by several orders of magnitude over
conventional phototransistor couplers by reducing
the base-collector capacitance of the input transistor.
The device is packaged in an 8-pin wide body DIP
and also available in surface mount option.


Similar Part No. - CTW450X2VT2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
9mm, 10MBit/s Logic Gate Optocoupler
CTW138 CTMICRO-CTW138 Datasheet
1Mb / 14P
Low Input Current Photodarlington Coupler
CTW13X8 CTMICRO-CTW13X8 Datasheet
1Mb / 14P
Low Input Current Photodarlington Coupler
CTW13X8SL CTMICRO-CTW13X8SL Datasheet
1Mb / 14P
Low Input Current Photodarlington Coupler
CTW13X8SLT1 CTMICRO-CTW13X8SLT1 Datasheet
1Mb / 14P
Low Input Current Photodarlington Coupler
More results

Similar Description - CTW450X2VT2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11D1 FAIRCHILD-H11D1 Datasheet
382Kb / 8P
HIGH VOLTAGE PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
ICPL2530 ETC-ICPL2530 Datasheet
67Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
6N135 ETC-6N135 Datasheet
62Kb / 4P
HIGH SPEED OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL4502 ETC-ICPL4502 Datasheet
64Kb / 4P
HIGH SPEED, NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ICPL2533 ETC-ICPL2533 Datasheet
66Kb / 4P
HIGH SPEED DUAL CHANNEL OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Hamamatsu Corporation
S4404-01 HAMAMATSU-S4404-01 Datasheet
190Kb / 2P
High sensitivity phototransistor
logo
ISOCOM COMPONENTS
IL1 ISOCOM-IL1 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Fairchild Semiconductor
4N38SR2M FAIRCHILD-4N38SR2M Datasheet
249Kb / 9P
High Voltage Phototransistor Optocouplers
logo
CT Micro International ...
6N135 CTMICRO-6N135 Datasheet
1Mb / 16P
1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
FOD819 ONSEMI-FOD819 Datasheet
269Kb / 11P
FOD819 4-Pin DIP High Speed Phototransistor Optocouplers
July, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com