Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B05S Datasheet(PDF) 1 Page - Comchip Technology

Part # B05S
Description  SMD Genenal Purpose Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B05S Datasheet(HTML) 1 Page - Comchip Technology

  B05S Datasheet HTML 1Page - Comchip Technology B05S Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Glass Passivated Type
Reverse Voltage: 50 - 1000 Volts
Forward Current: 0.5 Amp
B05S Thru B10S
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Built-in strain relief
Glas passivated junction
Mechanical data
Case: JEDEC DO-269AA molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Marked on body
Mounting position: Any
Approx. Weight:0.22 gram
SMD Genenal Purpose Bridge Rectifier
SMD Genenal Purpose Bridge Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 0.5 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=125
Max. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
T j
TSTG
Maximum Ratings and Electrical Characterics
Unit
V
V
V
A
A
V
uA
MDS0212005A
Page 1
Note 1: Thermal resistance from junction to ambient.
50
50
35
1000
1000
700
600
600
420
400
400
280
100
100
70
30
0.5
1.0
-55 to +150
5
500
-55 to +150
B05S
B1S
B2S
B4S
B6S
B8S
B10S
800
800
560
200
200
140
85
C/W
C
C
C
C
Dimension in inches and (millimeters)
TO-269AA


Similar Part No. - B05S

ManufacturerPart #DatasheetDescription
logo
Dc Components
B05S DCCOM-B05S Datasheet
362Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE MINI SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
B05S FORMOSA-B05S Datasheet
69Kb / 2P
Glass passivated type
logo
RFE international
B05S RFE-B05S Datasheet
230Kb / 2P
BRIDGE RECTIFIERS 0.8 to 1.5 Amps
logo
Zibo Seno Electronic En...
B05S ZSELEC-B05S Datasheet
47Kb / 2P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Comchip Technology
B05S-G COMCHIP-B05S-G Datasheet
50Kb / 2P
Silicon General Purpose Bridge Rectifier
More results

Similar Description - B05S

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF15005S COMCHIP-DF15005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
DF005S COMCHIP-DF005S Datasheet
52Kb / 2P
SMD Genenal Purpose Bridge Rectifier
CGRM4001 COMCHIP-CGRM4001 Datasheet
61Kb / 2P
SMD Genenal Purpose Rectifier
CGRL0501 COMCHIP-CGRL0501 Datasheet
69Kb / 2P
SMD Genenal Purpose Rectifier
CGRC501 COMCHIP-CGRC501 Datasheet
62Kb / 2P
SMD Genenal Purpose Rectifier
CGRC301 COMCHIP-CGRC301 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRB301 COMCHIP-CGRB301 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRB201 COMCHIP-CGRB201 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
CGRA4001 COMCHIP-CGRA4001 Datasheet
63Kb / 2P
SMD Genenal Purpose Rectifier
B05SGS COMCHIP-B05SGS Datasheet
79Kb / 2P
SMD Genenal Purpose Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com