Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC446AJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446AJ
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446AJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC446AJ Datasheet HTML 1Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 2Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 3Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 4Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 5Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 6Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 7Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 8Page - National Semiconductor (TI) CLC446AJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
400MHz bandwidth (Av = +2)
s
5mA supply current
s
0.02%, 0.03° differential gain, phase
s
2000V/
µs slew rate
s
9ns settling to 0.1%
s
0.05dB gain flatness to 100MHz
s
-65/-78dBc HD2/HD3
Applications
s
High resolution video
s
A/D driver
s
Medical imaging
s
Video switchers & routers
s
RF/IF amplifier
s
Communications
s
Instrumentation
General Description
The National CLC446 is a very high-speed unity-gain-stable cur-
rent-feedback op amp that is designed to deliver the highest lev-
els of performance from a mere 50mW quiescent power. It pro-
vides a very wide 400MHz bandwidth, a 2000V/
µs slew rate and
900ps rise/fall times. The CLC446 achieves its superior speed-
vs-power using an advanced complementary bipolar IC process
and National’s current-feedback architecture.
The CLC446 is designed to drive video loads with very low
differential gain and phase errors (0.02%, 0.03°). Combined with
its very low power (50mW), the CLC446 makes an excellent
choice for NTSC/PAL video switchers and routers. With its very
quick edge rates (900ps) and high slew rate (2000V/
µs), the
CLC446 also makes an excellent choice for high-speed, high-
resolution component RGB video systems.
The CLC446 makes an excellent low-power high-resolution A/D
converter driver with its very fast 9ns settling time (to 0.1%) and
low harmonic distortion.
The combination of high performance and low power make
the CLC446 useful in many high-speed general purpose
applications. Its current-feedback architecture maintains consistent
performance over a wide gain range and signal levels. DC gain
and bandwidth can be set independently. Also, either maximally
flat AC response or linear phase response can be emphasized.
Vin
R4
Rf
+
-
Rg
C2
CLC446
C5
Vo
R5
R1
R2
C3
C4
R3
C1
Typical Application
Elliptic-Function Low Pass Filter
CLC446
400MHz, 50mW Current-Feedback Op Amp
Non-Inverting
Frequency Response (Av = +2)
Frequency (Hz)
8
6
1M
1G
2
-2
4
0
10M
100M
Vo = 0.5Vpp
VEE
VCC
Pinout
DIP & SOIC
November 1998
N
© 1998 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC446AJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC440 NSC-CLC440 Datasheet
316Kb / 8P
High-Speed, Low-Power, Voltage Feedback Op Amp
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AJE NSC-CLC449AJE Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AJP NSC-CLC449AJP Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
CLC449AMC NSC-CLC449AMC Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
More results

Similar Description - CLC446AJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD812 AD-AD812 Datasheet
372Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV.B
AD846 AD-AD846 Datasheet
513Kb / 12P
450 V/us, Precision, Current-Feedback Op Amp
REV.C
logo
National Semiconductor ...
LMH6609 NSC-LMH6609 Datasheet
641Kb / 15P
900MHz Voltage Feedback Op Amp
logo
ON Semiconductor
NCS2511 ONSEMI-NCS2511 Datasheet
183Kb / 12P
1 GHz Current Feedback Op Amp
May, 2006 ??Rev. 2
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2510 ONSEMI-NCS2510_06 Datasheet
121Kb / 12P
1.4 GHz Current Feedback Op Amp
March, 2006 ??Rev. 1
logo
Analog Devices
AD812ANZ AD-AD812ANZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD812ARZ AD-AD812ARZ Datasheet
358Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
AD846 AD-AD846_15 Datasheet
311Kb / 12P
450 V/ms, Precision, Current-Feedback Op Amp
REV. B
AD812 AD-AD812_15 Datasheet
376Kb / 16P
Dual, Current Feedback Low Power Op Amp
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com