Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2136 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # D2136
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

D2136 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  D2136 Datasheet HTML 1Page - Panasonic Semiconductor D2136 Datasheet HTML 2Page - Panasonic Semiconductor D2136 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Transistors
1
Publication date: September 2003
SJD00246BED
2SD2136
Silicon NPN triple diffusion planar type
For power amplification
Complementary to 2SB1416
■ Features
• High forward current transfer ratio h
FE which has satisfactory linearity.
• Low collector-emitter saturation voltage V
CE(sat)
• Allowing supply with the radial taping
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a = 25°C ± 3°C
Unit: mm
1: Emitter
2: Collector
3: Base
MT-3-A1 Package
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
60
V
Collector-emitter voltage (Base open)
VCEO
60
V
Emitter-base voltage (Collector open)
VEBO
6V
Collector current
IC
3A
Peak collector current
ICP
5A
Collector power dissipation
PC
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-emitter voltage (Base open)
VCEO
IC
= 30 mA, I
B
= 060
V
Base-emitter voltage *
1
VBE
VCE = 4 V, IC = 3 A
1.8
V
Collector-emitter cutoff current (Emitter-base short)
ICES
VCE = 60 V, VBE = 0
200
µA
Collector-emitter cutoff current (Base open)
ICEO
VCE
= 30 V, I
B
= 0
300
µA
Emitter-base cutoff current (Collector open)
IEBO
VEB = 6 V, IC = 01
mA
Forward current transfer ratio
hFE1 *
2
VCE = 4 V, IC = 1 A
40
250
hFE2 *
1
VCE
= 4 V, I
C
= 3 A
10
Collector-emitter saturation voltage *
1
VCE(sat)
IC = 3 A, IB = 0.375 A
1.2
V
Transition frequency
fT
VCE = 5 V, IE = − 0.1 A, f = 200 MHz
220
MHz
Turn-on time
ton
IC
= 1 A, I
B1
= 0.1 A, I
B2
= − 0.1 A
0.5
µs
Storage time
tstg
2.5
µs
Fall time
tf
0.4
µs
7.5±0.2
0.65±0.1
0.7±0.1
1.15±0.2
2.5±0.2
2.5±0.2
0.85±0.1
1.0±0.1
0.7±0.1
1.15±0.2
0.5±0.1
1
0.8 C
23
0.4±0.1
4.5±0.2
0.8 C
0.8 C
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Rank
P
Q
R
hFE1
40 to 90
70 to 150
120 to 250


Similar Part No. - D2136

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D213 ETC1-D213 Datasheet
91Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D213 MPD-D213 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Toshiba Semiconductor
D2131 TOSHIBA-D2131 Datasheet
148Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
logo
Panasonic Semiconductor
D2137 PANASONIC-D2137 Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
D2137A PANASONIC-D2137A Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
More results

Similar Description - D2136

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5121 PANASONIC-2SC5121 Datasheet
38Kb / 2P
Silicon NPN triple diffusion planar type
2SD1742 PANASONIC-2SD1742 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
Silicon NPN triple diffusion planar type
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
Silicon NPN triple diffusion planar type
2SC3870 PANASONIC-2SC3870 Datasheet
59Kb / 3P
Silicon NPN triple diffusion planar type
2SC5392 PANASONIC-2SC5392 Datasheet
158Kb / 3P
Silicon NPN triple diffusion planar type
logo
Guangdong Kexin Industr...
2SD2453 KEXIN-2SD2453 Datasheet
40Kb / 1P
Silicon NPN Triple Diffusion Planar Type
2SD1250 KEXIN-2SD1250 Datasheet
39Kb / 1P
Silicon NPN Triple Diffusion Planar Type
logo
Panasonic Semiconductor
2SD1264A-P PANASONIC-2SD1264A-P Datasheet
208Kb / 3P
Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com