Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D2136 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # D2136
Description  Silicon NPN triple diffusion planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

D2136 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  D2136 Datasheet HTML 1Page - Panasonic Semiconductor D2136 Datasheet HTML 2Page - Panasonic Semiconductor D2136 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD2136
2
SJD00246BED
VCE(sat)  IC
hFE  IC
fT  IC
PC  Ta
IC  VCE
IC  VBE
Safe operation area
Rth  t
0
160
40
120
80
0
0.4
0.8
1.2
1.6
2.0
Ambient temperature T
a (°C)
Without heat sink
012
210
48
6
0
1
2
3
5
4
Collector-emitter voltage V
CE (V)
TC=25˚C
IB=100mA
90mA
80mA
70mA
60mA
40mA
30mA
20mA
10mA
50mA
0
2.4
0.4
2.0
0.8
1.6
1.2
0
8
6
4
2
Base-emitter voltage V
BE (V)
TC=100˚C
25˚C
–25˚C
VCE=4V
0.01
0.01
0.1
1
10
100
0.1
1
10
Collector current I
C (A)
IC/IB=8
TC=100˚C
25˚C
–25˚C
0.01
0.1
1
10
1
10
102
103
104
Collector current I
C (A)
VCE=4V
TC=100˚C
25˚C
–25˚C
0.01
0.1
1
10
0
300
250
200
150
100
50
Collector current I
C (A)
VCB=10V
f=200MHz
TC=25˚C
0.01
0.1
0.1
1
10
100
1
10
100
Collector-emitter voltage V
CE (V)
Single pulse
TC=25˚C
t=10ms
t=100ms
t=1s
ICP
IC
10−1
1
10
104
102
103
103
104
102
10
1
10−1
10−3
10−2
10−4
Time t (s)
Without heat sink



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com