Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC452 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC452
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC452 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC452 Datasheet HTML 3Page - National Semiconductor (TI) CLC452 Datasheet HTML 4Page - National Semiconductor (TI) CLC452 Datasheet HTML 5Page - National Semiconductor (TI) CLC452 Datasheet HTML 6Page - National Semiconductor (TI) CLC452 Datasheet HTML 7Page - National Semiconductor (TI) CLC452 Datasheet HTML 8Page - National Semiconductor (TI) CLC452 Datasheet HTML 9Page - National Semiconductor (TI) CLC452 Datasheet HTML 10Page - National Semiconductor (TI) CLC452 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
CLC452 Operation
The CLC452 is a current feedback amplifier built in an
advanced complementary bipolar process. The CLC452
operates from a single 5V supply or dual ±5V supplies.
Operating from a single supply, the CLC452 has the
following features:
s
Provides 100mA of output current while
consuming 15mW of power
s
Offers low -78/-85dB 2nd and 3rd harmonic
distortion
s
Provides BW > 80MHz and 1MHz distortion
< -70dBc at Vo = 2.0Vpp
The CLC452 performance is further enhanced in ±5V
supply applications as indicated in the
±5V Electrical
Characteristics table and ±5V Typical Performance plots.
Current Feedback Amplifiers
Some of the key features of current feedback technology
are:
s
Independence of AC bandwidth and voltage gain
s
Inherently stable at unity gain
s
Adjustable frequency response with feedback resistor
s
High slew rate
s
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
Equation 1
where:
s
Av is the closed loop DC voltage gain
s
Rf is the feedback resistor
s
Z(j
ω) is the CLC452’s open loop transimpedance
gain
s
is the loop gain
The denominator of Equation 1 is approximately equal to
1 at low frequencies. Near the -3dB corner frequency, the
interaction between Rf and Z(jω) dominates the circuit
performance. The value of the feedback resistor has a
large affect on the circuits performance. Increasing Rf
has the following affects:
s
Decreases loop gain
s
Decreases bandwidth
s
Reduces gain peaking
s
Lowers pulse response overshoot
s
Affects frequency response phase linearity
Refer to the
Feedback Resistor Selection section for
more details on selecting a feedback resistor value.
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
Zj
Rf
ω
()
CLC452 Design Information
Single Supply Operation (VCC = +5V, VEE = GND)
The specifications given in the
+5V Electrical Character-
istics table for single supply operation are measured with
a common mode voltage (Vcm) of 2.5V. Vcm is the volt-
age around which the inputs are applied and the
output voltages are specified.
Operating from a single +5V supply, the Common Mode
Input Range (CMIR) of the CLC452 is typically +0.8V to
+4.2V. The typical output range with RL=100Ω is +1.0V
to +4.0V.
For single supply DC coupled operation, keep input
signal levels above 0.8V DC. For input signals that drop
below 0.8V DC, AC coupling and level shifting the signal
are recommended. The non-inverting and inverting
configurations for both input conditions are illustrated in
the following 2 sections.
DC Coupled Single Supply Operation
Figures 1 and 2 show the recommended non-inverting
and inverting configurations for input signals that remain
above 0.8V DC.
+
-
CLC452
Rf
0.1
µF
6.8
µF
Vo
Vin
Rg
Rt
3
2
4
7
6
V
V
A1
R
R
o
in
v
f
g
== +
+
Vcm
VCC
RL
Vcm
Note: Rt, RL and Rg are tied
to Vcm for minimum power
consumption and maximum
output swing.
Vcm
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
Rb
4
7
6
Rg
V
V
A
R
R
o
in
v
f
g
== −
+
CLC452
Rt
3
2
Vcm
VCC
RL
Vcm
Note: Rb, provides DC bias
for non-inverting input.
Rb, RL and Rt are tied
to Vcm for minimum power
consumption and maximum
output swing.
Vcm
Select Rt to yield
desired Rin = Rt || Rg
+
-
Figure 1: Non-Inverting Configuration
Figure 2: Inverting Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com