Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC452 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC452
Description  Single Supply, Low-Power, High Output, Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC452 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC452 Datasheet HTML 4Page - National Semiconductor (TI) CLC452 Datasheet HTML 5Page - National Semiconductor (TI) CLC452 Datasheet HTML 6Page - National Semiconductor (TI) CLC452 Datasheet HTML 7Page - National Semiconductor (TI) CLC452 Datasheet HTML 8Page - National Semiconductor (TI) CLC452 Datasheet HTML 9Page - National Semiconductor (TI) CLC452 Datasheet HTML 10Page - National Semiconductor (TI) CLC452 Datasheet HTML 11Page - National Semiconductor (TI) CLC452 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
Where Req is the transformed value of the load imped-
ance, (RL), and is approximated by:
Select the transformer so that it loads the line with a
value close to Zo, over the desired frequency range. The
output impedance, Ro, of the CLC452 varies with
frequency and can also affect the return loss. The return
loss, shown below, takes into account an ideal
transformer and the value of Ro.
The load current (IL) and voltage (Vo) are related to the
CLC452’s maximum output voltage and current by:
From the above current relationship, it is obvious that an
amplifier with high output drive capability is required.
R
R
n
eq
L
2
=
Return Loss(dB)
20log
n
R
Z
10
2
o
o
≈−
⋅
Vn V
I
I
n
o
max
L
max
≤⋅
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com