Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC501 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC501
Description  High-Speed Output Clamping Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC501 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC501 Datasheet HTML 1Page - National Semiconductor (TI) CLC501 Datasheet HTML 2Page - National Semiconductor (TI) CLC501 Datasheet HTML 3Page - National Semiconductor (TI) CLC501 Datasheet HTML 4Page - National Semiconductor (TI) CLC501 Datasheet HTML 5Page - National Semiconductor (TI) CLC501 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
Output clamping (Vhigh and Vlow)
s
1ns recovery from clamping/overdrive
s
0.05% settling in 12ns
s
Characterized and guaranteed
at Av = +32
s
Low power, 180mW
Applications
s
Residue amplifier in high-accuracy,
subranging A/D systems
s
High-speed communications
s
Output clamping applications
s
Pulse amplitude modulation systems
General Description
CLC501
High-Speed Output Clamping Op Amp
N
June 1999
Pinout
DIP & SOIC
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
The CLC501 is available in several versions to meet a variety of
requirements. A three-letter suffix determines the version:
CLC501AJP
-40°C to +85°C
8-pin plastic DIP
CLC501AJE
-40°C to +85°C
8-pin plastic SOIC
DESC SMD number: 5962-89974
Non-Inverting Frequency Response
1
10
100
-180
-450
-270
-360
-90
0
Vout = 2Vpp
Av = 16
Rf = 2.49kΩ
Av = 8
Rf = 4.02kΩ
Av = 32
Rf = 1.5kΩ
Av = 64
Rf = 604Ω


Similar Part No. - CLC501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
CLC502AJE NSC-CLC502AJE Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
CLC502AJP NSC-CLC502AJP Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
CLC503 NSC-CLC503 Datasheet
100Kb / 6P
Comlinear CLC503 180MHz, Differential-Output Amplifier
CLC505 NSC-CLC505 Datasheet
735Kb / 12P
High-Speed, Programmable-Supply Current, Monolithic Op Amp
More results

Similar Description - CLC501

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
Dual, High Output Current, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
Differential, High Speed Op Amp
logo
Intersil Corporation
EL2257 INTERSIL-EL2257 Datasheet
646Kb / 17P
125MHz Single Supply, Clamping Op Amp
February 28, 2002
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
HIGH-SPEED OUTPUT CLAMPING OP AMP
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
Differential, High Speed Op Amp
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
Differential, High-Speed Op Amp
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
LMH6672 Dual, High Output Current, High Speed Op Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com