Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC501 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC501
Description  High-Speed Output Clamping Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC501 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC501 Datasheet HTML 1Page - National Semiconductor (TI) CLC501 Datasheet HTML 2Page - National Semiconductor (TI) CLC501 Datasheet HTML 3Page - National Semiconductor (TI) CLC501 Datasheet HTML 4Page - National Semiconductor (TI) CLC501 Datasheet HTML 5Page - National Semiconductor (TI) CLC501 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CLC501 Electrical Characteristics (Av = +32,V
cc = ±5V, RL = 100Ω,R
f = 1.5Ω,VH = +3V; unless specified)
Absolute Maximum Ratings
Miscellaneous Ratings
http://www.national.com
2
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
ESD rating (human body model)
<1000V
Package Thermal Resistance
Package
θ
JC
θ
JA
AJP
70°C/W
125°C/W
AJE
65°C/W
145°C/W
CERDIP
45°C/W
135°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com