Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC505 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC505
Description  High-Speed, Programmable-Supply Current, Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC505 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC505 Datasheet HTML 1Page - National Semiconductor (TI) CLC505 Datasheet HTML 2Page - National Semiconductor (TI) CLC505 Datasheet HTML 3Page - National Semiconductor (TI) CLC505 Datasheet HTML 4Page - National Semiconductor (TI) CLC505 Datasheet HTML 5Page - National Semiconductor (TI) CLC505 Datasheet HTML 6Page - National Semiconductor (TI) CLC505 Datasheet HTML 7Page - National Semiconductor (TI) CLC505 Datasheet HTML 8Page - National Semiconductor (TI) CLC505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
Typical Performance Characteristics (TA = 25°, Av = +6, VCC = ±5V, Rf = 1000ΩΩ,VH = +3V, Cp = 100pF)
Non-Inverting Frequency Response
0.1
10
100
-180
-450
-270
-360
-90
0
1
Vout = 2Vpp
Av = 2
Rf = 1kΩ
Av = 6
Rf = 1kΩ
Av = 20
Rf = 1kΩ
Frequency (MHz)
Inverting Frequency Response
10
100
-360
-630
-450
-540
-270
-180
1
Vout = 2Vpp
Av = -2
Rf = 1.1kΩ
Av = -1
Rf = 1.1kΩ
Av = -20
Rf = 787Ω
Av = -6
Rf = 866Ω
Frequency (MHz)
Inverting Frequency Response
10
100
-360
-630
-450
-540
-270
-180
1
Vout = 2Vpp
Av = -6
Rf = 866Ω
Av = -20
Rf = 549Ω
Av = -1
Rf = 1.651kΩ
Av = -2
Rf = 1.5kΩ
Frequency (MHz)
Inverting Frequency Response
()
0
10
100
-360
-630
-450
-540
-270
-180
Vout = 2Vpp
Av = -2
Rf = 2.87kΩ
Av = -1
Rf = 3.48kΩ
Av = -20
Rf = 1kΩ
Av = -6
Rf = 1.43kΩ
1
Frequency (MHz)
Non-Inverting Frequency Response
F(MH )
1
10
100
-180
-450
-270
-360
-90
0
Vout = 2Vpp
Av = 2
Rf = 3.01kΩ
Av = 20
Rf = 249Ω
Av = 6
Rf = 1kΩ
Non-Inverting Frequency Response
1
10
100
-180
-450
-270
-360
-90
0
Vout = 2Vpp
Av = 2
Rf = 3.01kΩ
Av = 20
Rf = 500Ω
Av = 6
Rf = 1kΩ
Frequency (MHz)
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com