Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC505 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC505
Description  High-Speed, Programmable-Supply Current, Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC505 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC505 Datasheet HTML 1Page - National Semiconductor (TI) CLC505 Datasheet HTML 2Page - National Semiconductor (TI) CLC505 Datasheet HTML 3Page - National Semiconductor (TI) CLC505 Datasheet HTML 4Page - National Semiconductor (TI) CLC505 Datasheet HTML 5Page - National Semiconductor (TI) CLC505 Datasheet HTML 6Page - National Semiconductor (TI) CLC505 Datasheet HTML 7Page - National Semiconductor (TI) CLC505 Datasheet HTML 8Page - National Semiconductor (TI) CLC505 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
s
10mW power consumption
with 50MHz BW
s
Single-resistor programming of
supply current
s
3.4mA Icc provides 100MHz bandwidth
and 14ns settling (0.05%)
s
Fast disable capability
s
0.04% differential gain at Icc = 3.4mA
s
0.06% differential phase at Icc = 3.4mA
Applications
s
Low-power/battery applications
s
Remote site instrumentation
s
Mobile communications gear
s
Video switching matrix
s
Phased-array radar
General Description
CLC505
High-Speed, Programmable-Supply Current,
Monolithic Op Amp
N
June 1999
Package Dimensions
Pinout
DIP & SOIC
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC505AJE
-40°C to +85°C
8-pin plastic SOIC
CLC505ALC
-40°C to +85°C
dice
Contact factory for other packages and DESC SMD number.


Similar Part No. - CLC505

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC501AJE NSC-CLC501AJE Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC501AJP NSC-CLC501AJP Datasheet
403Kb / 6P
High-Speed Output Clamping Op Amp
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
CLC502AJE NSC-CLC502AJE Datasheet
397Kb / 6P
Clamping, Low-Gain Op Amp with Fast 14-bit Settling
More results

Similar Description - CLC505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD847 AD-AD847 Datasheet
241Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV.F
AD848 AD-AD848 Datasheet
259Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV.B
logo
National Semiconductor ...
MNCLC505A-X NSC-MNCLC505A-X Datasheet
106Kb / 16P
HIGH-SPEED, PROGRAMMABLE-SUPPLY CURRENT, MONOLITHIC OP AMP
logo
Analog Devices
AD847ARZ AD-AD847ARZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
Rev. F
AD848JRZ AD-AD848JRZ Datasheet
220Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD847JRZ-REEL7 AD-AD847JRZ-REEL7 Datasheet
172Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD847JNZ AD-AD847JNZ Datasheet
245Kb / 12P
High Speed, Low Power Monolithic Op Amp
REV. F
AD849 AD-AD849_15 Datasheet
251Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_15 Datasheet
250Kb / 8P
High Speed, Low Power Monolithic Op Amp
REV. B
AD848 AD-AD848_17 Datasheet
283Kb / 9P
High Speed, Low Power Monolithic Op Amp
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com