Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/SP Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16F876ATI/SP
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/SP Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16F876ATI/SP Datasheet HTML 46Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 47Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 48Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 49Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 50Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 51Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 52Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 53Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 234 page
background image
PIC16F87XA
DS39582B-page 48
 2003 Microchip Technology Inc.
4.4
PORTD and TRISD Registers
PORTD is an 8-bit port with Schmitt Trigger input
buffers. Each pin is individually configurable as an input
or output.
PORTD
can
be
configured
as
an
8-bit
wide
microprocessor port (Parallel Slave Port) by setting
control bit, PSPMODE (TRISE<4>). In this mode, the
input buffers are TTL.
FIGURE 4-8:
PORTD BLOCK DIAGRAM
(IN I/O PORT MODE)
TABLE 4-7:
PORTD FUNCTIONS
TABLE 4-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTD
Note:
PORTD and TRISD are not implemented
on the 28-pin devices.
Data
Bus
WR
Port
WR
TRIS
RD Port
Data Latch
TRIS Latch
RD
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
Q
D
CK
Q
D
CK
EN
QD
EN
TRIS
Name
Bit#
Buffer Type
Function
RD0/PSP0
bit 0
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 0.
RD1/PSP1
bit 1
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 1.
RD2/PSP2
bit2
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 2.
RD3/PSP3
bit 3
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 3.
RD4/PSP4
bit 4
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 4.
RD5/PSP5
bit 5
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 5.
RD6/PSP6
bit 6
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 6.
RD7/PSP7
bit 7
ST/TTL(1)
Input/output port pin or Parallel Slave Port bit 7.
Legend: ST = Schmitt Trigger input, TTL = TTL input
Note 1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
08h
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx uuuu uuuu
88h
TRISD
PORTD Data Direction Register
1111 1111 1111 1111
89h
TRISE
IBF
OBF
IBOV PSPMODE
—
PORTE Data Direction Bits 0000 -111 0000 -111
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PORTD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com