Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/SP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F876ATI/SP
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/SP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F876ATI/SP Datasheet HTML 9Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 10Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 11Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 12Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 13Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 14Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 15Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 16Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 11
PIC16F87XA
PORTB is a bidirectional I/O port. PORTB can be
software programmed for internal weak pull-up on all
inputs.
RB0/INT
RB0
INT
33
36
8
9
I/O
I
TTL/ST(1)
Digital I/O.
External interrupt.
RB1
34
37
9
10
I/O
TTL
Digital I/O.
RB2
35
38
10
11
I/O
TTL
Digital I/O.
RB3/PGM
RB3
PGM
36
39
11
12
I/O
I
TTL
Digital I/O.
Low-voltage ICSP programming enable pin.
RB4
37
41
14
14
I/O
TTL
Digital I/O.
RB5
38
42
15
15
I/O
TTL
Digital I/O.
RB6/PGC
RB6
PGC
39
43
16
16
I/O
I
TTL/ST(2)
Digital I/O.
In-circuit debugger and ICSP programming clock.
RB7/PGD
RB7
PGD
40
44
17
17
I/O
I/O
TTL/ST(2)
Digital I/O.
In-circuit debugger and ICSP programming data.
TABLE 1-3:
PIC16F874A/877A PINOUT DESCRIPTION (CONTINUED)
Pin Name
PDIP
Pin#
PLCC
Pin#
TQFP
Pin#
QFN
Pin#
I/O/P
Type
Buffer
Type
Description
Legend:
I = input
O = output
I/O = input/output
P = power
— = Not used
TTL = TTL input
ST = Schmitt Trigger input
Note
1:
This buffer is a Schmitt Trigger input when configured as the external interrupt.
2:
This buffer is a Schmitt Trigger input when used in Serial Programming mode.
3:
This buffer is a Schmitt Trigger input when configured in RC Oscillator mode and a CMOS input otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com