Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/SP Datasheet(PDF) 116 Page - Microchip Technology

Part # PIC16F876ATI/SP
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/SP Datasheet(HTML) 116 Page - Microchip Technology

Back Button PIC16F876ATI/SP Datasheet HTML 112Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 113Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 114Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 115Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 116Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 117Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 118Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 119Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 120Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 234 page
background image
PIC16F87XA
DS39582B-page 114
 2003 Microchip Technology Inc.
TABLE 10-3:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
-
-
--
1.2
1.221
1.75
255
1.202
0.17
207
1.202
0.17
129
2.4
2.404
0.17
129
2.404
0.17
103
2.404
0.17
64
9.6
9.766
1.73
31
9.615
0.16
25
9.766
1.73
15
19.2
19.531
1.72
15
19.231
0.16
12
19.531
1.72
7
28.8
31.250
8.51
9
27.778
3.55
8
31.250
8.51
4
33.6
34.722
3.34
8
35.714
6.29
6
31.250
6.99
4
57.6
62.500
8.51
4
62.500
8.51
3
52.083
9.58
2
HIGH
1.221
-
255
0.977
-
255
0.610
-
255
LOW
312.500
-
0
250.000
-
0
156.250
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
0.300
0
207
0.3
0
191
1.2
1.202
0.17
51
1.2
0
47
2.4
2.404
0.17
25
2.4
0
23
9.6
8.929
6.99
6
9.6
0
5
19.2
20.833
8.51
2
19.2
0
2
28.8
31.250
8.51
1
28.8
0
1
33.6
-
-
-
-
-
-
57.6
62.500
8.51
0
57.6
0
0
HIGH
0.244
-
255
0.225
-
255
LOW
62.500
-
0
57.6
-
0
TABLE 10-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 10 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
--
-
-
--
-
-
1.2
-
--
-
-
--
-
-
2.4
-
-
-
-
-
-
2.441
1.71
255
9.6
9.615
0.16
129
9.615
0.16
103
9.615
0.16
64
19.2
19.231
0.16
64
19.231
0.16
51
19.531
1.72
31
28.8
29.070
0.94
42
29.412
2.13
33
28.409
1.36
21
33.6
33.784
0.55
36
33.333
0.79
29
32.895
2.10
18
57.6
59.524
3.34
20
58.824
2.13
16
56.818
1.36
10
HIGH
4.883
-
255
3.906
-
255
2.441
-
255
LOW
1250.000
-
0
1000.000
0
625.000
-
0
BAUD
RATE
(K)
FOSC = 4 MHz
FOSC = 3.6864 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
-
---
-
-
1.2
1.202
0.17
207
1.2
0
191
2.4
2.404
0.17
103
2.4
0
95
9.6
9.615
0.16
25
9.6
0
23
19.2
19.231
0.16
12
19.2
0
11
28.8
27.798
3.55
8
28.8
0
7
33.6
35.714
6.29
6
32.9
2.04
6
57.6
62.500
8.51
3
57.6
0
3
HIGH
0.977
-
255
0.9
-
255
LOW
250.000
-
0
230.4
-
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com