Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/SP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F876ATI/SP
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/SP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F876ATI/SP Datasheet HTML 141Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 142Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 143Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 144Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 145Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 146Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 147Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 148Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 143
PIC16F87XA
14.0
SPECIAL FEATURES OF THE
CPU
All PIC16F87XA devices have a host of features
intended to maximize system reliability, minimize cost
through elimination of external components, provide
power saving operating modes and offer code
protection. These are:
• Oscillator Selection
• Reset
- Power-on Reset (POR)
- Power-up Timer (PWRT)
- Oscillator Start-up Timer (OST)
- Brown-out Reset (BOR)
• Interrupts
• Watchdog Timer (WDT)
• Sleep
• Code Protection
• ID Locations
• In-Circuit Serial Programming
• Low-Voltage In-Circuit Serial Programming
• In-Circuit Debugger
PIC16F87XA devices have a Watchdog Timer which
can be shut-off only through configuration bits. It runs
off its own RC oscillator for added reliability.
There are two timers that offer necessary delays on
power-up. One is the Oscillator Start-up Timer (OST),
intended to keep the chip in Reset until the crystal oscil-
lator is stable. The other is the Power-up Timer
(PWRT), which provides a fixed delay of 72 ms (nomi-
nal) on power-up only. It is designed to keep the part in
Reset while the power supply stabilizes. With these two
timers on-chip, most applications need no external
Reset circuitry.
Sleep mode is designed to offer a very low current
power-down mode. The user can wake-up from Sleep
through external Reset, Watchdog Timer wake-up or
through an interrupt.
Several oscillator options are also made available to
allow the part to fit the application. The RC oscillator
option saves system cost while the LP crystal option
saves power. A set of configuration bits is used to
select various options.
Additional information on special features is available
in the PICmicro® Mid-Range MCU Family Reference
Manual (DS33023).
14.1
Configuration Bits
The configuration bits can be programmed (read as ‘0’),
or left unprogrammed (read as ‘1’) to select various
device configurations. The erased or unprogrammed
value of the Configuration Word register is 3FFFh.
These bits are mapped in program memory location
2007h.
It is important to note that address 2007h is beyond the
user program memory space which can be accessed
only during programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com