Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F876ATI/SP Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC16F876ATI/SP
Description  28/40-pin Enhanced FLASH Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F876ATI/SP Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC16F876ATI/SP Datasheet HTML 191Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 192Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 193Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 194Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 195Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 196Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 197Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 198Page - Microchip Technology PIC16F876ATI/SP Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 234 page
background image
 2003 Microchip Technology Inc.
DS39582B-page 193
PIC16F87XA
FIGURE 17-17:
USART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 17-12: USART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 17-18:
USART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 17-13: USART SYNCHRONOUS RECEIVE REQUIREMENTS
Note: Refer to Figure 17-3 for load conditions.
121
121
122
RC6/TX/CK
RC7/RX/DT
pin
pin
120
Param
No.
Symbol
Characteristic
Min
Typ†
Max Units Conditions
120
TCKH2DTV SYNC XMIT (MASTER & SLAVE)
Clock High to Data Out Valid
Standard(F)—
—
80
ns
Extended(LF)
—
—
100
ns
121
TCKRF
Clock Out Rise Time and Fall Time
(Master mode)
Standard(F)—
—
45
ns
Extended(LF)—
—
50
ns
122
TDTRF
Data Out Rise Time and Fall Time
Standard(F)—
—
45
ns
Extended(LF)—
—
50
ns
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note: Refer to Figure 17-3 for load conditions.
125
126
RC6/TX/CK
RC7/RX/DT
pin
pin
Param
No.
Symbol
Characteristic
Min
Typ†
Max
Units
Conditions
125
TDTV2CKL
SYNC RCV (MASTER & SLAVE)
Data Setup before CK
↓ (DT setup time)
15
—
—
ns
126
TCKL2DTL
Data Hold after CK
↓ (DT hold time)
15
—
—
ns
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com