Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9725 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9725
Description  14-Bit, 600 MSPS D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9725 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9725 Datasheet HTML 8Page - Analog Devices AD9725 Datasheet HTML 9Page - Analog Devices AD9725 Datasheet HTML 10Page - Analog Devices AD9725 Datasheet HTML 11Page - Analog Devices AD9725 Datasheet HTML 12Page - Analog Devices AD9725 Datasheet HTML 13Page - Analog Devices AD9725 Datasheet HTML 14Page - Analog Devices AD9725 Datasheet HTML 15Page - Analog Devices AD9725 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Preliminary Technical Data
AD9725
Rev. PrA | Page 13 of 16
THEORY OF OPERATION
LVDS INPUTS
The AD9725 uses LVDS (Low Voltage Differential Signaling)
digital inputs to enable high speed digital signaling. LVDS
allows the use of a differential signal for optimum noise reject-
tion, and has small signal amplitude for fast speed and lower
power dissipation. Each differential digital input on the AD9725
has an internal 100 Ω resistor for proper load termination. The
LVDS digital data inputs on the AD9725 meet the IEEE reduced
range (RR) specs for common mode input range (875 mV to
1575 mV) with an input differential threshold of ±350 mV.
DATA SYNCHRONIZATION CIRCUITRY
The high speeds at which the LVDS digital interface is designed
to operate require maintaining synchronization of the data
(DB[15:0]+, DB[15:0]–) and data clock (DATACLK_IN+,
DATACLK_IN–) with the DAC clock (CLK+, CLK–). Since the
DAC clock input is not LVDS, the phase relationship between
that clock and the data can vary, and, unless precautions are
taken, data can be corrupted.
The input data must be provided at the same frequency as the
DAC clock from an LVDS source with an accompanying LVDS
data clock. Since the DAC and data clocks are different types,
their phase relationship is difficult to specify.
The AD9725 provides internal circuitry to keep the data from
being corrupted over a wide variation in relative phase. Once
the DAC and data clocks have been established and synchron-
ization has been initiated, the phase between the two clocks can
vary by at least one full clock cycle without loss of data. If the
phase relationship between the clocks varies enough to cause a
possible loss of data, the AD9725 can be resynchronized in
several different ways.
The internal synchronization circuitry in the AD9725 eases this
problem by allowing the phase to vary by at least one full clock
cycle, once synchronization has been established. It does this by
demultiplexing the incoming data stream into four channels,
each containing every fourth data word. Each of these words is
present for four DAC clock cycles. The data is then remulti-
plexed by sampling each channel with the appropriate DAC
clock cycle.
Initial synchronization is established in one of the following
ways:
1.
When the RESET pin is asserted, the synchronization logic
is initiated to provide optimal internal timing.
2.
If SPI_DIS is not asserted, the synchronization is optimized
by writing setting SYNC_UPD (02h[1]) high.
3.
If SPI_DIS is asserted, the synchronization is optimized by
asserting the SYNC_UPD pin.
Once synchronization is established, the AD9725 needs to be
reoptimized only if operating conditions change enough to
affect the relative phase of the DAC and data clocks by more
than one clock cycle. The AD9725 detects when a synchroni-
zation update is necessary, and indicates this need by asserting
SYNCALRM (02h[0]) or SYNC_ALRM high. If SYNCALRM
(02h[0]) or SYNC_ALRM have been asserted, resynchroni-
zation can be accomplished as follows:
1.
If the synchronization logic is in automatic mode
(SYNCMAN (02h[2]) = 0), the synchronization logic will
optimize the internal timing as necessary. Two data words
will typically be lost or repeated when an optimization
occurs. If that possibility could cause serious problems,
manual operation may be required.
2.
If the synchronization logic is in manual mode
(SYNCMAN (02h[2]) = 1), the logic will indicate the need
for an update by asserting SYNCALRM (02h[0]) high. In
normal operation, a logic high on SYNCALRM (02h[0])
does not mean that data is being lost, but that conditions
are close to the point where data may be lost. Optimization
should be initiated by setting SYNCUPD (02h[1]) high at a
convenient time.
3.
Monitoring the synchronization logic state and initiating
an update can be done via package pins by setting SPI_DIS
high and using the SYNC_ALRM and SYNC_UPD pins in
the same way the manual synchronization operation is
described in step 2.
Note that SYNCUPD (02h[1]) or SYNC_UPD can be asserted
at any time to optimize the synchronization, even if
SYNCALRM (02h[0]) or SYNC_ALRM have not indicated that
it is necessary.
If either the data clock or the DAC clock is interrupted for any
reason, a SYNCUPD or SYNC_UPD should be executed to
insure that no subsequent data is lost.
INTERNAL REFERENCE AND FULL-SCALE OUTPUT
CURRENT
The AD9725 contains an internal band gap reference of 1.2 V.
The reference voltage is applied to an external resistor at FSADJ,
and the resultant current is amplified by the reference buffer to
provide the full-scale current for the DAC output. The gain
equation from the internal reference to the DAC output
(assuming the digital inputs are at full scale) is as follows:
IOUTFS = 1.2 × 32/FSADJ
Taking into account the state of the digital inputs, the output
current of IOUTA and IOUTB at any instant in time is:
IOUTA = IOUTFS × (DB15:DB0)/65536
IOUTB = IOUTFS × (1 − DB15:DB0)/65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com