Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC3105-R4C Datasheet(PDF) 10 Page - Cymbet Corporation

Part # CBC3105-R4C
Description  EnerChip CC with Integrated Power Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C Datasheet(HTML) 10 Page - Cymbet Corporation

Back Button CBC3105-R4C Datasheet HTML 4Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 5Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 6Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 7Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 8Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 9Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 10Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 11Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 12Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 10 of 12
Preliminary
Figure 7: CBC3105 Typical Circuit for Mode 2 Operation
Mode 2 Operation
Figure 7 shows the circuitry for user-selectable switchover threshold to a value between 2.5 and 5.0 volts. Use
Figure 8 to determine the value of R1. To determine the amount of hysteresis from the EnerChip switchover
threshold, use Figure 9.
To determine the backup switchover hysteresis for Mode 2 operation, use Figure 9.
Figure 8: Mode 2 Resistor Selection Graph
Figure 9: Mode 2 Hysteresis as a Function of R2/R1
Battery Switchover Threshold Voltage vs. R2/R1
Ratio
0
1
2
3
4
5
6
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
R2/R1 Ratio
Trip point
Hysteresis in Battery Switchover Threshold
Voltage vs. R2/R1 Ratio
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1 1.1
R2/R1 Ratio
Hysteresis
EnerChip charging and backup power switchover threshold for 2.5 to 5.5 volt operation is selected by changing
the value of R2 (see Figure 7). To determine the backup switchover point, set the value of R1 to 200kΩ and
choose the value of R2 according to Figure 8. For example, to set a 3.0V trip point: If R1=200 kΩ then R2 = R1
x 0.72 = 144kΩ. Figure 7 shows a Mode 2 circuit with standard value resistors of 200kΩ and 143kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com