Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC3105-R4C Datasheet(PDF) 2 Page - Cymbet Corporation

Part # CBC3105-R4C
Description  EnerChip CC with Integrated Power Management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C Datasheet(HTML) 2 Page - Cymbet Corporation

  CBC3105-R4C Datasheet HTML 1Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 2Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 3Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 4Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 5Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 6Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 7Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 8Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 9Page - Cymbet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
EnerChip CC CBC3105
©2012-2014 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
DS-72-21 Rev G
Page 2 of 12
Preliminary
Electrical Properties
EnerChip Backup Output voltage:
3.3V
Energy Capacity (typical):
5µAh
Recharge time to 80%:
10 minutes
Charge/Discharge cycles:
>5000 to 10% discharge
Physical Properties
Package size:
4mm x 5mm
Operating temperature:
-20°C to +70°C
Storage temperature:
-40°C to +125°C
Functional Block Diagram
Figure 2: EnerChip CC CBC3105 Internal Block Diagram
The EnerChip CC internal schematic is shown in Figure 2. The input voltage from the power supply (VDD) is
applied to the charge pump, the control logic, and is compared to the user-set threshold as determined by the
voltage on VMODE. VMODE is an analog input ranging from 0V to VDD. The ENABLE pin is a digital input that
turns off the charge pump when low. VOUT is either supplied from VDD or the integrated EnerChip. RESET is a
digital output that, when low, indicates VOUT is being sourced by the integrated EnerChip.
CFLY is the flying capacitor in the voltage doubler circuit. The value of CFLY can be changed if the output
impedance of the EnerChip CC needs to be modified. The output impedance is dictated by 1/fC, where f is the
frequency of oscillation (typically 100kHz) and C is the capacitor value (typically 0.1µF). GND is system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com