Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC522 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC522
Description  Wideband Variable-Gain Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC522 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC522 Datasheet HTML 1Page - National Semiconductor (TI) CLC522 Datasheet HTML 2Page - National Semiconductor (TI) CLC522 Datasheet HTML 3Page - National Semiconductor (TI) CLC522 Datasheet HTML 4Page - National Semiconductor (TI) CLC522 Datasheet HTML 5Page - National Semiconductor (TI) CLC522 Datasheet HTML 6Page - National Semiconductor (TI) CLC522 Datasheet HTML 7Page - National Semiconductor (TI) CLC522 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
N
CLC522
Wideband Variable-Gain Amplifier
General Description
The CLC522 variable gain amplifier (VGA) is a dc-coupled, two-
quadrant multiplier with differential voltage inputs and a single-ended
voltage output. Two input buffers and an output operational amplifer
are integrated with the multiplier core to make the CLC522 a complete
VGA system that does not require external buffering.
The CLC522 provides the flexibility of externally setting the maximum
gain with only two external resistors. Greater than 40dB gain control
is easily achieved through a single high impedance voltage input. The
CLC522 provides a linear (in Volts per Volt) relationship between the
amplifier's gain and the gain-control input voltage.
The CLC522's maximum gain may be set anywhere over a nominal
range of 2V/V to 100V/V. The gain control input then provides
attenuation from the maximum setting. For example, set for a
maximum gain of 100V/V, the CLC522 will provide a 100V/V to 1V/V
gain control range by sweeping the gain control input voltage from +1
to -0.98V.
Set at a maximum gain of 10V/V, the CLC522 provides a 165MHz
signal channel bandwidth and a 165MHz gain control bandwidth. Gain
nonlinearity over a 40dB gain range is 0.5% and gain accuracy at
AVmax = 10V/V is typically ±0.3%.
June 1999
Features
s
330MHz signal bandwidth: A
vmax = 2
s
165MHz gain-control bandwidth
s
0.3° to 60MHz linear phase deviation
s
0.04% (-68dB) signal-channel non-linearity
s
>40dB gain-adjustment range
s
Differential or single-end voltage inputs
s
Single-ended voltage output
Applications
s
Variable attenuators
s
Pulse amplitude equalizers
s
HF modulators
s
Automatic gain control & leveling loops
s
Video production switching
s
Differential line receivers
s
Voltage controlled filters
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
Gain vs. Gain Control Voltage (Vg)
-1.1
Gain Control Voltage, Vg (Volts)
1.1
10
0
V
Vn
s
CR
ss
CR
k
CR
k
R
R
Q
k R
R
k
CR
o
in
b
by
f
g
b
y
o
y
=−


++
==
=
1
1
1
185
2
2
2
.,
,
ω
T
T
T
T
Typical Application
ypical Application
ypical Application
ypical Application
ypical Application
2nd Order Tuneable Bandpass Filter
Pinout
DIP & SOIC


Similar Part No. - CLC522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC520 NSC-CLC520 Datasheet
609Kb / 8P
Amplifier with Voltage Controlled Gain, AGCAmp
CLC520AJE NSC-CLC520AJE Datasheet
609Kb / 8P
Amplifier with Voltage Controlled Gain, AGCAmp
CLC520AJP NSC-CLC520AJP Datasheet
609Kb / 8P
Amplifier with Voltage Controlled Gain, AGCAmp
CLC520ALC NSC-CLC520ALC Datasheet
609Kb / 8P
Amplifier with Voltage Controlled Gain, AGCAmp
CLC520AMC NSC-CLC520AMC Datasheet
609Kb / 8P
Amplifier with Voltage Controlled Gain, AGCAmp
More results

Similar Description - CLC522

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5209 PHILIPS-NE5209 Datasheet
306Kb / 15P
Wideband variable gain amplifier
1990 Aug 20
SA5209 PHILIPS-SA5209 Datasheet
202Kb / 17P
Wideband variable gain amplifier
1997 Nov 07
SA5219 PHILIPS-SA5219 Datasheet
236Kb / 18P
Wideband variable gain amplifier
1997 Nov 07
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
Wideband Variable-Gain Amplifier, Gain of 2
logo
List of Unclassifed Man...
DBE0640 ETC-DBE0640 Datasheet
225Kb / 6P
Variable-Gain Ultra-Wideband Voltage Amplifier
logo
National Semiconductor ...
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
Wideband Variable-Gain Amplifier, Gain of 2
October 1994
logo
Texas Instruments
VCA810 TI1-VCA810_12 Datasheet
934Kb / 30P
High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
logo
NXP Semiconductors
AN11228 NXP-AN11228 Datasheet
818Kb / 21P
BGA301x Wideband Variable Gain Amplifier Application
Rev. 2-3 February 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com