Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High-Speed 2:1 Analog Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC532 Datasheet HTML 1Page - National Semiconductor (TI) CLC532 Datasheet HTML 2Page - National Semiconductor (TI) CLC532 Datasheet HTML 3Page - National Semiconductor (TI) CLC532 Datasheet HTML 4Page - National Semiconductor (TI) CLC532 Datasheet HTML 5Page - National Semiconductor (TI) CLC532 Datasheet HTML 6Page - National Semiconductor (TI) CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N
CLC532
High-Speed 2:1 Analog Multiplexer
General Description
The CLC532 is a high-speed 2:1 multiplexer with active input and
output stages. The CLC532 also employs a closed-loop design which
dramatically improves accuracy. This monolithic device is constructed
using an advanced high-performance bipolar process.
The CLC532 has been specifically designed to provide settling times
of 17ns to 0.01%. This, coupled with the adjustable noise-bandwidth,
makes the CLC532 an ideal choice for infrared and CCD imaging
systems.
Channel-to-channel isolation is better than 80dB @
10MHz. Low distortion (80dBc) and spurious signal levels make the
CLC532 a very suitable choice for both I/Q processors and receivers.
The CLC532 is offered over both the industrial and military temperature
ranges. The Industrial versions, CLC532AJP\AJE\AID, are specified
from -40°C to +85°C and are packaged in 14-pin plastic DIP's, 14-pin
SOIC's and 14-pin Side-Brazed packages. The extended temperature
versions, CLC532A8B/A8D/A8L-2, are specified from -55°C to +125°C
and are packaged in a 14-pin hermetic DIP and 20-terminal LCC
packages. (Contact factory for LCC and CERDIP availability.)
Ordering Information ...
CLC532AJP
-40oC to +85oC
14-pin plastic DIP
CLC532AJE
-40oC to +85oC
14-pin plastic SOIC
CLC532ALC
-40oC to +85oC
dice
CLC532AMC
-55oC to +125oC
dice, MIL-STD-833
CLC532A8B
-55oC to +125oC
14-pin CERDIP;
MIL-STD-883
CLC532A8L-2A
-55oC to +125oC
20-terminal LCC;
MIL-STD-883
Contact factory for other packages and DESC SMD number.
June 1999
Features
s
12-bit settling (0.01%) - 17ns
s
Low noise - 32
µVrms
s
High isolation - 80dB @ 10MHz
s
Low distortion - 80dBc @ 5MHz
s
Adjustable bandwidth - 190MHz (max)
Applications
s
Infrared system multiplexing
s
CCD sensor signals
s
Radar I/Q switching
s
High definition video HDTV
s
Test and calibration
Typical Application
Pinout
DIP & SOIC
20-Terminal LCC
RL
RIN
RIN
INB
10
6
INA
4
3
2
1
7
VOUT
12
CHANNEL A
CHANNEL B
CHANNEL
SELECT
CCOMP
2
CCOMP
1
CLC532
DREF
11
SELECT OUTPUT
1
Channel A
0
Channel B
GND
INA
GND
INB
DGND
DREF
SELECT
+VCC
+VCC
COMP1
OUTPUT
COMP2
VEE
VEE
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
14 15 1617 18
9
10
11
12
13
87654
3
2
1
20
19
DREF
SELECT
NC
VEE
VEE
INA
GND
NC
+Vcc
+Vcc
INDEX CORNER
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC532

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
CLC532AJE NSC-CLC532AJE Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
CLC532AJP NSC-CLC532AJP Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
CLC532 NSC-CLC532_01 Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
More results

Similar Description - CLC532

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
High-Speed 4:1 Analog Multiplexer
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
Triple 2:1 High Speed Video Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
High Speed CMOS ANALOG MULTIPLEXER
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
CLC532 NSC-CLC532_01 Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
LMH6570 2:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com