Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532
Description  High-Speed 2:1 Analog Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC532 Datasheet HTML 1Page - National Semiconductor (TI) CLC532 Datasheet HTML 2Page - National Semiconductor (TI) CLC532 Datasheet HTML 3Page - National Semiconductor (TI) CLC532 Datasheet HTML 4Page - National Semiconductor (TI) CLC532 Datasheet HTML 5Page - National Semiconductor (TI) CLC532 Datasheet HTML 6Page - National Semiconductor (TI) CLC532 Datasheet HTML 7Page - National Semiconductor (TI) CLC532 Datasheet HTML 8Page - National Semiconductor (TI) CLC532 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PARAMETER1
CONDITIONS
TYP
MAX/MIN RATINGS2
UNITS
SYMBOL
Case Temperature
CLC532AJP/AJE/AIB
+25°C
-40°C
+25°C
+85°C
FREQUENCY DOMAIN PERFORMANCE
-3dB bandwidth
V
OUT<0.1Vpp
190
140
140
110
MHz
SSBW
-3dB bandwidth
V
OUT=2Vpp
45
35
35
30
MHz
LSBW
gain flatness
V
OUT<0.1Vpp
peaking
0.1MHz to 200MHz
0.2
0.7
0.7
0.8
dB
GFP
rolloff
0.1MHz to 100MHz
1.0
1.8
1.8
2.6
dB
GFR
linear phase deviation
dc to 100MHz
2.0
deg
LPD
differential gain
C
COMP = 5pF; RL=150Ω
0.05
%
DG
differential phase
C
COMP = 5pF; RL=150Ω
0.01
deg
DP
crosstalk rejection
2Vpp, 10MHz
80
75
75
74
dB
CT10
2Vpp, 20MHz
74
69
69
68
dB
CT20
2Vpp, 30MHz
68
63
63
62
dB
CT30
TIME DOMAIN PERFORMANCE
rise and fall time
0.5V step
2.7
3.3
3.3
3.8
ns
TRS
2V step
10
12.5
12.5
14.5
ns
TRL
settling time
2V step; from 50% V
OUT ±0.0025%
35
ns
TS14
±0.01%
17
24
24
27
ns
TSP
±0.1%
13
18
18
21
ns
TSS
overshoot
2.0V step
2
5
5
6
%
OS
slew rate
160
130
130
110
V/
µsSR
SWITCH PERFORMANCE
channel to channel switching time
50% SELECT to 10%V
OUT
5
7
7
8
ns
SWT10
(2V step at output)
50% SELECT to 90%V
OUT
15
20
20
23
ns
SWT90
switching transient
30
mV
ST
DISTORTION AND NOISE PERFORMANCE
2nd harmonic distortion
2Vpp, 5MHz
80
67
67
67
dBc
HD2
3rd harmonic distortion
2Vpp, 5MHz
86
68
68
68
dBc
HD3
equivalent input noise
spot noise voltage
>1MHz
3.1
nV/
√Hz
SNF
integrated noise
1MHz to 100MHz
32
42
42
46
µVrms
INV
spot noise current
3
pA/
√Hz
SNC
STATIC AND DC PERFORMANCE
* analog output offset voltage
1
6.5
3.5
5.5
mV
VOS
temperature coefficient
15
90
20
µV/°C
DVIO
analog output offset voltage matching
TBD
mV
VOSM
* analog input bias current
50
250
120
120
µA
IBN
temperature coefficient
0.3
2.0
0.8
µA/°C
DIBN
analog input bias current matching
TBD
µA
IBNM
analog input resistance
200
90
120
120
k
Ω
RIN
analog input capacitance
2
3.0
2.5
2.5
pF
CIN
* gain accuracy
±2V
0.998
0.988
0.988
0.988
V/V
GA
gain matching
±2V
TBD
V/V
GAM
integral endpoint non-linearity
±1V (full scale)
0.02
0.05
0.03
0.03
%FS
ILIN
output voltage
no load
±3.4
2.4
2.8
2.8
V
VO
output current
45
20
30
30
mA
IO
output resistance
dc
1.5
4.0
2.5
2.5
Ω
RO
DIGITAL INPUT PERFORMANCE
ECL mode (pin 6 floating)
input voltage logic HIGH
-1.1
-1.1
-1.1
V
VIH1
input voltage logic LOW
-1.5
-1.5
-1.5
V
VIL1
input current logic HIGH
14
50
30
30
µA
IIH1
input current logic LOW
50
270
110
110
µA
IIL1
TTL mode (pin 6 = +5V)
input voltage logic HIGH
2.0
2.0
2.0
V
VIH2
input voltage logic LOW
0.8
0.8
0.8
V
VIL2
input current logic HIGH
14
50
30
30
µA
IIH2
input current logic LOW
50
270
110
110
µA
IIL2
POWER REQUIREMENTS
* supply current (+V
CC = +5.0V)
no load
23
30
28
25
mA
ICC
* supply current (-V
EE = -5.2V)
no load
24
31
30
26
mA
IEE
nominal power dissipation
no load
240
mW
PD
* power supply rejection ratio
73
60
64
64
dB
PSRR
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Electrical Characteristics (+V
CC=+5.0V; -VEE=-5.2V; RIN=50Ω
Ω
Ω
Ω
Ω; R
L=500Ω
Ω
Ω
Ω
Ω; C
COMP=10pF; ECL Mode, pin 6 = NC)
http://www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com