Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232M Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT3232M
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232M Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT3232M Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT3232 REV A 6/27/02
Features
■ 1.5 Watt Total Hybrid Dissipation at 25% Transmitting Duty Cycle
■ Monolithic Design
■ Compatible with MIL-STD-1553A/B & Macair A3818, A5232, A5690 & A4905
■ Meets MIL-STD-1553B
■ TTL Compatible
■ Full Military (-55°C to +125°C) Temperature Range
■ Driver / Receiver in a single Package for Space & Weight Savings
■ Filtering on Receiver to Improve S/N Ratio of System
■ Pin for Pin interchangeable with CT3231 Series
■ Packaging – Hermetic Metal Plug-In or Flat Package
• 24 Lead, 1.27" sq. max x .2" Ht Flat package
• 24 Pin, 1.27" sq. max x .175" Ht Plug-In package
DRIVER DESCRIPTION
The CT3232 Driver section accepts complementary TTL Data at the input, and produces a 30
Volt nominal peak-to-peak differential signal across a 140
Ω load at the output. When coupled to the
Data Bus with a 1:1 transformer, isolated on the Data Bus side with two 55.0
Ω fault isolation
resistors, and loaded by two 70
Ω terminations plus additional receivers, the Data Bus signal
produced is 7.2 Volts nominal peak-to-peak.
When both “DATA” and “DATA” inputs are held low or both are held high, the driver output
becomes a high impedance and is “removed” from the line. In addition, an overriding “INHIBIT”
input provides for removal of the Driver output from the line. A logic “1” applied to the “INHIBIT”
takes priority over the condition of the data inputs and disables the Driver. See Driver Logic
Waveforms, Figure 3.
DATA and DATA inputs must be complementary waveforms, of 50% duty cycle average, with no
gate delays between them.
RECEIVER DESCRIPTION
The CT3232 Receiver section accepts Bi-Phase Differential data at the input and produces two
TTL signals at the output. The outputs are “DATA” and “DATA”, and represent positive and negative
excursions (respectively) of the input beyond a predetermined threshold. See Receiver Logic
Waveforms, Figure 2.
The positive and negative thresholds may be internally set by grounding the appropriate pins, or
externally set with resistors. The pre-set internal thresholds will detect Data Bus signals exceeding
1Volt p-p and ignore signals less than 0.5Volt p-p when used with 1:1 transformer (See Figure 4 for
a suitable transformer and typical connection).
A low level at the STROBE input inhibits the DATA and DATA outputs. If unused, a 2K
Ω pull-up to
+5V is recommended.
CT 3232M
For MIL-STD-1553 & Macair
Low Power Driver / Receiver
CIRCUIT TECHNOLOGY
www.aeroflex.com


Similar Part No. - CT3232M

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
CT323-020 DATATRONICS-CT323-020 Datasheet
83Kb / 1P
SMD Current Sense Transformer
CT323-020 DATATRONICS-CT323-020 Datasheet
116Kb / 1P
SMD Current Sense Transformer CT323 Series
CT323-030 DATATRONICS-CT323-030 Datasheet
83Kb / 1P
SMD Current Sense Transformer
CT323-030 DATATRONICS-CT323-030 Datasheet
116Kb / 1P
SMD Current Sense Transformer CT323 Series
CT323-040 DATATRONICS-CT323-040 Datasheet
83Kb / 1P
SMD Current Sense Transformer
More results

Similar Description - CT3232M

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4808 AEROFLEX-ACT4808 Datasheet
106Kb / 8P
ACT4808 DUAL TRANSCEIVERS FOR MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4404 AEROFLEX-ARX4404 Datasheet
95Kb / 6P
ARX4404 & 4407 Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ARX4808 AEROFLEX-ARX4808 Datasheet
141Kb / 6P
VARX4808 Dual Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
ACT4444 AEROFLEX-ACT4444 Datasheet
213Kb / 10P
Transceiver for MIL-STD-1553 /MACAIR in a Chipscale Package
ACT4404N AEROFLEX-ACT4404N Datasheet
165Kb / 8P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
ACT4404N AEROFLEX-ACT4404N_07 Datasheet
165Kb / 9P
Single Transceiver for MACAIR (A3818, A4905, A5232, A5690), MIL-STD-1553 & SAE-AS15531
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com