Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT3232M Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT3232M
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232M Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT3232M Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232M Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Aeroflex Circuit Technology
2
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Figure 1 – CT3232 Functional Block Diagram and Pinouts
+REG
(
≈10V)
LINEAR
AMP
–
+
FILTER
LEVEL
DET.
+
–
LEVEL
DET.
+
–
–REG
(
≈-10V)
LINEAR
AMP
LINEAR
AMP
V+
V+
V–
V–
+VCCRX
INT. DATA THRES.
INT. DATA THRES.
RX DATA IN
RX DATA IN
-VEERX
+VCCL
TX INHIBIT
TX DATA IN
TX DATA IN
+5V
CASE
GROUND A
-VEETX
TX DATA OUT
GROUND C
TX DATA OUT
+VCCTX
GROUND B
EXT. DATA THRES.
RX DATA OUT
STROBE
RX DATA OUT
EXT. DATA THRES.
NOTE: GROUNDS A, B, & C
MUST ALL BE EXTERNALLY
GROUNDED
11
6
13
15
16
19
7
10
12
24
4
9
8
3
17
18
20
21
2
1
23
22
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com