Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA40H1S-R Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # MA40H1S-R
Description  Human detection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MA40H1S-R Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  MA40H1S-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MA40H1S-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Search Data Sheet
MA40H1S-R
Appearance & Shape
Applications
Other Usage
1. Human detection 2. Gesture detection 3. Object
detection
Packaging Information
Packaging
Specifications
Minimum
Order Quantity
R
180mm Embossed Tape
1000
Features
1. Small(5.2mm x 5.2mm)
2. Thin(t1.15mm)
3. Surface mount available(solder-mount by reflow)
4. No water proof(possible by housing component)
1 of 2
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/06/21


Similar Part No. - MA40H1S-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA4000 PANASONIC-MA4000 Datasheet
76Kb / 6P
Silicon planar type
MA4000 PANASONIC-MA4000 Datasheet
72Kb / 5P
Silicon planar type
logo
Chauvin Arnoux Metrix
MA4000D CHAUVINARNOUX-MA4000D Datasheet
1Mb / 2P
Stand-Alone Current Testers that Fit Anywhere with Built-In Display!
logo
Tyco Electronics
MA40030 MACOM-MA40030 Datasheet
349Kb / 4P
Stripline Packaged Schottky Mixer Diodes
logo
List of Unclassifed Man...
MA40030 ETC-MA40030 Datasheet
349Kb / 4P
STRIPLINE PACKAGED SCHOTTKY MIXER DIODES
More results

Similar Description - MA40H1S-R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN249 SILABS-AN249 Datasheet
434Kb / 42P
HUMAN INTERFACE DEVICE TUTORIAL
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
High Sensitivity Enables Detection of Stationary Human Presence
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
Passive infrared human detection sensor with built-in amp.
EKMC1601112 PANASONIC-EKMC1601112 Datasheet
763Kb / 8P
High-sensitive human detection sensor with built-in amp.
logo
Grayhill, Inc
3D32XK-200 GRAYHILL-3D32XK-200 Datasheet
1Mb / 2P
INTUITIVE HUMAN INTERFACE SOLUTIONS
logo
Maxim Integrated Produc...
MAX30205 MAXIM-MAX30205 Datasheet
592Kb / 15P
Human Body Temperature Sensor
Rev 0; 3/16
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
logo
Delta Electronics, Inc.
DOP-AE57CSTD DELTA-DOP-AE57CSTD Datasheet
5Mb / 12P
Human Machine Interface
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
One by one human detection sensor
22-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com