Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532AMC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532AMC
Description  High-Speed 2:1 Analog Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532AMC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC532AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Recommended Operating Conditions
Absolute Maximum Ratings3
positive supply voltage (+V
CC)
-0.5V to +7.0V
negative supply voltage (-V
EE)
+0.5V to -7.0V
differential voltage between any two GND’s
200mV
analog input voltage range
-V
EE to +VCC
digital input voltage range
-V
EE to +VCC
output short circuit duration (output shorted to GND)
Infinite
junction temperature
+150°C
operating temperature range
CLC532AJP/AJE/AIB
-40°C to +85°C
storage temperature range
-65°C to +150°C
lead solder duration (+300°C)
10 sec
ESD rating
<500V
transistor count
74
positive supply voltage (+V
CC)
+5V
negative supply voltage (-V
EE)
-5.2V or -5.0V
differential voltage between any two GND’s
10mV
analog input voltage range
±2V
SELECT input voltage range (TTL mode)
0.0V to +3.0V
SELECT input voltage range (ECL mode)
-2.0V to 0.0V
C
COMP range
2
0pF to 100pF
thermal data
θ
JC(°C/W)
θ
JA(°C/W)
14-pin plastic
55
100
14-pin Cerdip
35
85
14-pin SOIC
35
105
20-terminal LCC
35
50
Note 1:
Test levels are as follows:
*
AJ : 100% tested at +25°C.
Note 2: The CLC532 does not require external C
COMP capacitors for proper
operation.
Note 3: Absolute maximum ratings are limiting values, to be applied individually,
and beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied. Exposure to
maximum ratings for extended periods may affect device reliability.
System Timing Diagram
Switching Transient Timing Diagram
A
SELECT
B
ST
2ns
~
~
OUTPUT
Channel A = 0V
Channel B = 0V
A
SELECT
B
SWT90
SWT10
90%
10%
TSx
TRx
TRx
SETTLING ERROR
WINDOW
CHANNEL A = +1V
CHANNEL B = -1V
OS
... where TSx is TS14 or TSP or TSS,
and TRx is TRS ro TSL.
OUTPUT
3
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com