Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC532AMC Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532AMC
Description  High-Speed 2:1 Analog Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532AMC Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button CLC532AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 9Page - National Semiconductor (TI) CLC532AMC Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
O
O
O
O
Operation
The CLC532 is a 2:1 analog multiplexer with high-impedance
buffered inputs, and a low-impedance, low-distortion, output
stage.
The CLC532 employs a closed-loop design, which
dramatically improves accuracy. The channel SELECT control
(Figure 1) determines which of the two inputs (IN
A or INB) is
present at the OUTPUT. Beyond the basic multiplexer function,
the CLC532 offers compatibility with either TTL or ECL logic
families, as well as adjustable bandwidth.
RL
RIN
RIN
5
INB
8
10
6
9
INA
4
3
2
1
7
13
14
VOUT
12
CHANNEL A
CHANNEL B
CHANNEL
SELECT
DGND
-5.2V
0.1
µF
CCOMP
2
CCOMP
1
+5V
CLC532
DREF
11
0.1
µF
+6.8
µF
+6.8
µF
Figure 1: Standard CLC532 Circuit Configuration
Digital Interface and Channel SELECT
The CLC532 functions with ECL, TTL and CMOS logic families.
D
REF controls logic compatibility. In normal operation, DREF is left
floating, and the channel SELECT responds to ECL level signals,
Figure 2. For TTL or CMOS level SELECT inputs (Figure 3), D
REF
should be tied to +5V (the CLC532 incorporates an internal
2300
Ω series isolation resistor for the D
REF input).
For TTL or
CMOS operation, the channel SELECT requires a resistor input
network to prevent saturation of the channel select circuitry.
Without this input network, channel SELECT logic levels above
3V will cause internal junction saturation and slow switching
speeds.
ECL GATE
CHANNEL
SELECT
A
/B
50
Ω
50
Ω
-2V
DREF
7
SELECT
6
(NC)
CLC532
-5.2V
To ECL
Gate
To
SELECT
130
Ω
81
Ω
Thevinen Equivalent
Output Termination
R1
R2
Figure 2: ECL Level Channel SELECT Configuration
+5V
CHANNEL
SELECT
A
/B
7
DREF
6
+5V
CLC532
TTL
CMOS
R3
R2
R1
Ω
Ω
Ω
Ω
Ω
Ω
620
200
510
3.6k
510
680
R2
R3
R1
Figure 3: TTL/CMOS Level Channel SELECT Configuration
Compensation
The CLC532 incorporates compensation nodes that allow both
its bandwidth and its settling time/slew rate to be adjusted.
Bandwidth and settling time/slew adjustments are linked,
meaning that lowering the bandwidth also lowers slew rate
and lengthens settling time. Proper adjustment (compensation)
is necessary to optimize system performance. Time Domain
applications should generally be optimized for lowest
RMS
noise at the CLC532 output, while maintaining settling time and
slew rates at adequate levels to meet system needs. Frequency
Domain applications should generally be optimized for maximally
flat frequency response.
Figure 4
below describes the basic relationship between
bandwidth and R
S for various values of load capacitance, CL,
where C
COMP = 10pF.
0.01%
0.05%
Rs
Ts
1k
Ω
Rs
C
L
2V Output Step
CL (pF)
1
100
1000
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
Figure 4: Settling Time and R
S vs. CL
Figure 5 shows the resulting changes in bandwidth and slew rate
for increasing values of C
COMP . The RMS noise at the CLC532
output can be approximated as:
OUTPUT
NOISERMS = (nV)(√1.57*BW-3dB)
where... n
V = input spot noise voltage;
BW
-3dB = Bandwidth is from figure 5.
1
10
100
Ccomp (pF)
200
180
160
140
120
100
80
60
40
20
0
-3dB Bandwidth
Slew Rate
200
180
160
140
120
100
80
60
40
20
Figure 5: C
COMP for Maximally Flat Frequency Response
Applications Information
http://www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com