Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950201 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950201
Description  Programmable Timing Control Hub??for P4?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950201 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950201 Datasheet HTML 1Page - Integrated Circuit Systems ICS950201 Datasheet HTML 2Page - Integrated Circuit Systems ICS950201 Datasheet HTML 3Page - Integrated Circuit Systems ICS950201 Datasheet HTML 4Page - Integrated Circuit Systems ICS950201 Datasheet HTML 5Page - Integrated Circuit Systems ICS950201 Datasheet HTML 6Page - Integrated Circuit Systems ICS950201 Datasheet HTML 7Page - Integrated Circuit Systems ICS950201 Datasheet HTML 8Page - Integrated Circuit Systems ICS950201 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Integrated
Circuit
Systems, Inc.
ICS950201
0460G—08/31/04
Block Diagram
Pin Configuration
56-Pin SSOP & TSSOP
Frequency Table
Recommended Application:
CK-408 clock for Intel
® 845 chipset with P4 processor.
Output Features:
3 Differential CPU Clock Pairs @ 3.3V
7 PCI (3.3V) @ 33.3MHz
3 PCI_F (3.3V) @ 33.3MHz
1 USB (3.3V) @ 48MHz
1 DOT (3.3V) @ 48MHz
1 REF (3.3V) @ 14.318MHz
5 3V66 (3.3V) @ 66.6MHz
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
Features:
Supports spread spectrum modulation,
down spread 0 to -0.5%.
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Uses external 14.318MHz crystal
Stop clocks and functional control available through
I
2C interface.
Key Specifications:
CPU Output Jitter <150ps
3V66 Output Jitter <250ps
CPU Output Skew <100ps, programmable over 800 ps
with groups CPU0,1 and CPU2.
* These inputs have 150K internal pull-up resistor to VDD.
Programmable Timing Control Hub™ for P4™
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
6
6
V
3
)
z
H
M
(
]
0
:
2
[
f
f
u
B
6
6
]
2
:
4
[
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
66
6
.
6
63
3
.
3
3
00
1
0
0
.
0
0
16
6
.
6
66
6
.
6
63
3
.
3
3
01
0
0
0
.
0
0
26
6
.
6
66
6
.
6
63
3
.
3
3
01
1
3
3
.
3
3
16
6
.
6
66
6
.
6
63
3
.
3
3
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R


Similar Part No. - ICS950201

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950201 RENESAS-ICS950201 Datasheet
343Kb / 16P
Programmable Timing Control HubTM for P4TM
01/25/10
More results

Similar Description - ICS950201

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com