Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC533AMC Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC533AMC
Description  High-Speed 4:1 Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC533AMC Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CLC533AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
http://www.national.com
positive supply voltage (+Vcc)
+5.0V
negative supply voltage (-Vee)
-5.2V
differential voltage between any two GND’s
10mV
analog input voltage range
±2V
AX input voltage range (TTL mode)
0V to +5.0V
AX input voltage range (ECL mode)
0V to -2.0V
CCOMP range
5pF to 100pF
thermal data
θ
jc(°C/W)
θ
ja(°C/W)
16-pin plastic
50
60
16-pin Cerdip
20
65
16-pin SOIC
60
75
20-terminal LCC
20
35
16-pin side brazed
20
50
positive supply voltage (+Vcc)
-0.5V to +7.0V
negative supply voltage (-Vee)
+0.5V to -7.0V
differential voltage between any two GND’s
200mV
analog input voltage range
-Vee to +Vcc
digital input voltage range
-Vee to +Vcc
output short circuit duration (shorted to GND)
Infinite
junction temperature
+150°C
operating temperature range
CLC533AJP/AJE/AIB
-40°C to +85°C
storage temperature range
-65°C to +150°C
lead solder duration (+300°C)
10 sec
ESD rating (human body model)
<500V
Recommended Operating Conditions
Absolute Maximum Ratings3
Note 1: Test levels are as follows:
*
AJ : 100% tested at +25°C.
Note 2: Settling time measured from the 50% analog output
transition.
Note 3: Absolute maximum ratings are limiting values, to be
applied individually, and beyond which the serviceability of the cir-
cuit may be impaired. Functional operability under any of these
conditions is not necessarily implied. Exposure to maximum rat-
ings for extended periods may affect device reliability.
System Timing Diagram
Switching Transient Timing Diagram
APPLICATIONS INFORMATION
Operation
The CLC533 is a 4:1 analog multiplexer designed with a
closed loop architecture to provide very low harmonic
distortion and superior channel to channel isolation. This
low
distortion,
coupled
with
very
fast
switching
speed make the CLC533 an ideal multiplexer for data
conversion applications.
User selectable ECL or TTL
select logic adds to the versatility of this device. External
frequency
response
compensation
allows
the
performance of the CLC533 to be optimized for each
application.
Digital Interface and Channel Select
The CLC533 has two channel select pins which can be
used to select any one of the four inputs.
These
digital inputs can be configured to meet TTL, ECL or
CMOS logic levels with the DREF pin. If DREF is left
open, then the A0 and A1 select inputs will respond to
ECL 10K switching levels (Figure 1). For TTL or CMOS
levels, DREF should be tied to Vcc (Figure 2). There is an
internal series resistor which makes it possible to
connect DREF directly to the power supply. Select pins
according to the truth table shown on the front page. A
more positive voltage is considered to be a logic ‘1’.
Therefore with no connection to A0 or A1 the internal pull-
up resistors will select the D input to be passed through
to the output.
Compensation
The CLC533 is externally compensated, allowing
the user to select the bandwidth that best suits
the application. Decreasing bandwidth has two
advantages: lower noise and lower switching tran-
sients. In a sampled system, noise at frequencies
Package Thermal Resistance
Package
θ
JC
θ
JA
AJP
45°C/W
95°C/W
AJE
35°C/W
100°C/W
CERDIP
25°C/W
65°C/W
Reliability Information
Transistor count
144



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com