Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC533AMC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC533AMC
Description  High-Speed 4:1 Analog Multiplexer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC533AMC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC533AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC533AMC Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
s
12-bit settling (0.01%) – 17ns
s
Low noise – 42
µVrms
s
Isolation – 80dB @ 10MHz
s
110MHz -3dB bandwidth (Av = +2)
s
Low distortion – 80dB @ 5MHz
s
Adjustable bandwidth – 180MHz (max)
Applications
s
Infrared system multiplexing
s
CCD sensor signals
s
Radar I/Q switching
s
High definition video HDTV
s
Test and calibration
Functional Diagram
Pinout
DIP & SOIC
General Description
The CLC533 is a high-speed 4:1 multiplexer employing active
input and output stages. The CLC533 also employs a closed-loop
design which dramatically improves accuracy over conventional
analog multiplexer circuits. This monolithic device is constructed
using an advanced high-performance bipolar process.
The CLC533 has been specifically designed to provide a 24ns
settling time to 0.01%. This coupled with the adjustable band-
width, makes the CLC533 an ideal choice for infrared and CCD
imaging systems, with channel-to-channel isolation of 80dB @
10MHz. Low distortion and spurious signal levels (-80dBc) make
the CLC533 a very suitable choice for I/Q processors in radar
receivers.
The CLC533 is offered over both the industrial and military tem-
perature ranges. The industrial versions, CLC533AJP\AJE\AIB,
are specified from -40°C to +85°C and are packaged in 16-pin
plastic DIPs, SOIC’s and CERDIP packages. The extended tem-
perature versions, CLC533A8B/A8L-2A, are specified from -55°C
to +125°C and are packaged in 16-pin CERDIP and 20-terminal
LCC packages.
Ordering Information ...
CLC533AJP
-40°C to +85°C
16-pin plastic DIP
CLC533AJE
-40°C to +85°C
16-pin plastic SOIC
CLC533ALC
-40°C to +85°C
dice
CLC533A8B
-55°C to +125°C
16-pin CERDIP,
MIL-STD-883
CLC533AMC
-40°C to +85°C
dice, MIL-STD-833
CLC533A8L-2A
-55°C to +125°C
20-terminal LCC,
MIL-STD-883
Contact factory for other packages and DESC SMD number.
CLC533
High-Speed 4:1 Analog Multiplexer
N
June 1999
A1 A0
OUT
00
A
01
B
10
C
11
D
ECL Mode - DREF = open
TTL Mode - DREF = +5V
INA
3
GND
2
NC
1
OUTPUT
20
COMP1
19
GND
9
IND 10
NC 11
Vee 12
A1 13
14 15 16 17 18
8 7 6 5 4
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC533AMC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532 NSC-CLC532 Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
CLC532A8B NSC-CLC532A8B Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532A8L-2A NSC-CLC532A8L-2A Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
CLC532AJE NSC-CLC532AJE Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
More results

Similar Description - CLC533AMC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
High-Speed 2:1 Analog Multiplexer
logo
Zetex Semiconductors
ZXFV302 ZETEX-ZXFV302 Datasheet
270Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
4:1 High Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
4:1 High-Speed Multiplexer
logo
National Semiconductor ...
CLC532 NSC-CLC532_01 Datasheet
480Kb / 15P
High Speed 2:1 Analog Multiplexer
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
4:1 HIGH-SPEED MULTIPLEXER
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
4:1 HIGH SPEED MULTIPLEXER
NOVEMBER 2002
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
4:1 High-Speed Multiplexer
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
4:1 HIGH-SPEED MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com