Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710M5 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV710M5
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710M5 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV710M5 Datasheet HTML 1Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 2Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 3Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 4Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 5Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 6Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 7Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 8Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V − = 0V, V
CM = 1.35V and RL > 1M
Ω. Boldface
limits apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 6)
Limits
(Note 7)
Units
A
V
Large Signal Voltage
Sourcing
R
L = 10k
Ω
V
O = 1.35V to 2.3V
115
80
76
dB
min
Sinking
R
L = 10k
Ω
V
O = 0.4V to 1.35V
113
80
76
dB
min
Sourcing
R
L = 600
Ω
V
O = 1.35V to 2.2V
110
80
76
dB
min
Sinking
R
L = 600
Ω
V
O = 0.5V to 1.35V
100
80
76
dB
min
SR
Slew Rate
(Note 8)
5
V/µs
GBWP
Gain-Bandwidth Product
5
MHz
φ
m
Phase Margin
60
Deg
T
ON
Turn-on Time from Shutdown
<10
µs
V
SD
Shutdown Pin Voltage Range
On Mode
1.5 to 2.7
2.4 to 2.7
V
Shutdown Mode
0 to 1
0 to 0.8
V
e
n
Input-Referred Voltage Noise
f = 1kHz
20
3.2V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 3.2V, V− = 0V, V
CM = 1.6V. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 6)
Limit
(Note 7)
Units
V
O
Output Swing
I
O = 6.5mA
3.0
2.95
2.92
V
min
0.01
0.18
0.25
V
max
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V − = 0V, V
CM = 2.5V, and RL > 1M
Ω. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Condition
Typ
(Note 6)
Limits
(Note 7)
Units
V
OS
Input Offset Voltage
V
CM = 0.85V & VCM = 1.85V
0.4
3
3.2
mV
max
I
B
Input Bias Current
4
pA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM
≤ 5V
70
50
48
dB
min
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
V
CM = 0.85V
110
70
68
dB
min
2.7V
≤ V+ ≤ 5V,
V
CM = 1.85V
95
70
68
dB
min
V
CM
Input Common-Mode Voltage Range
For CMRR
≥ 50dB
-0.3
−0.2
V
5.3
5.2
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com