Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV710M5 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV710M5
Description  Low Power, RRIO Operational Amplifiers with High Output Current Drive and Shutdown Option
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV710M5 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV710M5 Datasheet HTML 9Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 10Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 11Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 12Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 13Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 14Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 15Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 16Page - National Semiconductor (TI) LMV710M5 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Note (Continued)
The capacitor C
1 is first discharged by applying a positive
pulse to the reset transistor. When a positive voltage V
IN is
applied to the input, the input voltage is higher than the
voltage across C
1. The output of the op amp goes high and
forward biases the diode D
1. The capacitor C1 is charged to
V
IN. When the input becomes less than the current capacitor
voltage, the output of the op amp A1 goes low and the diode
D
1 is reverse biased. This isolates the C1 and leaves it with
the charge equivalent to the peak of the input voltage. The
follower prevents unintentional discharging of C
1 by loading
from the following circuit.
R
5 and C1 are properly selected so that the capacitor is
charged rapidly to V
IN. During the holding period, the capaci-
tor slowly discharge through C
1, via leakage of the capacitor
and the reverse-biased diode, or op amp bias currents. In
any cases the discharging time constant is much larger than
the charge time constant. And the capacitor can hold its
voltage long enough to minimize the output ripple.
Resistors R
2 and R3 limit the current into the inverting input
of A1 and the non-inverting input of A2 when power is
disconnected from the circuit. The discharging current from
C
1 during power off may damage the input circuitry of the op
amps.
The peak detector can be reset by applying a positive pulse
to the reset transistor. The charge on the capacitor is
dumped into ground, and the detector is ready for another
cycle.
The maximum input voltage to this detector should be less
than (V
+ -V
D), where VD is the forward voltage drop of the
diode. Otherwise, the input voltage should be scaled down
before applying to the circuit.
HIGH SIDE CURRENT SENSING
The high side current sensing circuit (Figure 8) is commonly
used in a battery charger to monitor charging current to
prevent over-charging. A sense resistor R
sense is connected
to the battery directly. This system requires an op amp with
rail-to-rail input. The LMV710/711/715 are ideal for this ap-
plication because its common mode input range can go
beyond the positive rail.
10132523
FIGURE 7. Peak Detector
10132513
FIGURE 8. High Side Current Sensing
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com