Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1012XP-15 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1012XP-15
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012XP-15 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV1012XP-15 Datasheet HTML 1Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2.2V Electrical Characteristics (Note 3) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 2.2V, VIN = 18 mV, RL = 2.2 k
Ω and C = 2.2 µF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
A
V
Gain
f = 1 kHz,
R
SOURCE =50
Ω
LMV1012-07
6.4
5.5
7.8
9.5
10.0
dB
LMV1012-15
14.0
13.1
15.6
16.9
17.5
LMV1012-20
19.5
17.4
20.9
22.0
23.3
LMV1012-25
22.5
21.4
23.8
25.0
25.7
5V Electrical Characteristics (Note 3)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VDD = 5V, VIN = 18 mV, RL = 2.2 k
Ω and C = 2.2 µF.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 4)
Typ
(Note 5)
Max
(Note 4)
Units
I
DD
Supply Current
V
IN = GND
LMV1012-07
158
250
300
µA
LMV1012-15
200
300
325
LMV1012-20
188
260
310
LMV1012-25
160
250
300
SNR
Signal to Noise Ratio
f = 1 kHz, V
IN =18
mV, A-Weighted
LMV1012-07
59
dB
LMV1012-15
60
LMV1012-20
61
LMV1012-25
61
V
IN
Max Input Signal
f = 1 kHz and
THD+N < 1%
LMV1012-07
170
mV
PP
LMV1012-15
100
LMV1012-20
55
LMV1012-25
28
V
OUT
Output Voltage
V
IN = GND
LMV1012-07
4.45
4.38
4.65
4.80
4.85
V
LMV1012-15
4.34
4.28
4.56
4.74
4.80
LMV1012-20
4.40
4.30
4.58
4.75
4.85
LMV1012-25
4.45
4.39
4.65
4.83
4.86
f
LOW
Lower −3dB Roll Off Frequency
R
SOURCE =50
Ω
67
Hz
f
HIGH
Upper −3dB Roll Off Frequency
R
SOURCE =50
Ω
150
kHz
e
n
Output Noise
A-Weighted
LMV1012-07
−96
dBV
LMV1012-15
−89
LMV1012-20
−84
LMV1012-25
−82
THD
Total Harmonic Distortion
f = 1 kHz,
V
IN =18mV
LMV1012-07
0.12
%
LMV1012-15
0.13
LMV1012-20
0.18
LMV1012-25
0.21
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com