Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV1012XP-15 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV1012XP-15
Description  Pre-Amplified IC?셲 for High Gain 2-Wire Microphones
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV1012XP-15 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV1012XP-15 Datasheet HTML 1Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 2Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 3Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 4Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 5Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 6Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 7Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 8Page - National Semiconductor (TI) LMV1012XP-15 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Connection Diagram
4-Bump micro SMD
20058703
Top View
Note: - Pin numbers are referenced to package marking text orientation.
- The actual physical placement of the package marking will vary slightly from part to part. The package will designate the date code and will vary considerably.
Package marking does not correlate to device type in any way.
Ordering Information
Package
Part Number
Package Marking
Transport Media
NSC Drawing
4-Bump Extreme Thin
micro SMD
(0.3 mm max height)
lead free only
LMV1012XP-15
Date Code
250 Units Tape and Reel
XPA04HLA
LMV1012XPX-15
3k Units Tape and Reel
LMV1012XP-25
250 Units Tape and Reel
LMV1012XPX-25
3k Units Tape and Reel
4-Bump Ultra-Thin
micro SMD
(0.4 mm max height)
lead free only
LMV1012UP-07
Date Code
250 Units Tape and Reel
UPA04GKA
LMV1012UPX-07
3k Units Tape and Reel
LMV1012UP-15
250 Units Tape and Reel
LMV1012UPX-15
3k Units Tape and Reel
LMV1012UP-20
250 Units Tape and Reel
LMV1012UPX-20
3k Units Tape and Reel
LMV1012UP-25
250 Units Tape and Reel
LMV1012UPX-25
3k Units Tape and Reel
4-Bump Thin
micro SMD
(0.5 mm max height)
LMV1012TP-07
Date Code
250 Units Tape and Reel
TPA04GKA
LMV1012TPX-07
3k Units Tape and Reel
LMV1012TP-15
250 Units Tape and Reel
LMV1012TPX-15
3k Units Tape and Reel
LMV1012TP-25
250 Units Tape and Reel
LMV1012TPX-25
3k Units Tape and Reel
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com