Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5622 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5622 Datasheet HTML 3Page - National Semiconductor (TI) CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) CLC5622 Datasheet HTML 10Page - National Semiconductor (TI) CLC5622 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DC Coupled Single Supply Operation
Figures 1 and 2 show the recommended non-inverting
and inverting configurations for input signals that remain
above 0.8V DC.
Figure 1: Non-Inverting Configuration
Figure 2: Inverting Configuration
AC Coupled Single Supply Operation
Figures 3 and 4 show possible non-inverting and invert-
ing configurations for input signals that go below 0.8V
DC. The input is AC coupled to prevent the need for
level shifting the input signal at the source. The resistive
voltage divider biases the non-inverting input to VCC ÷2
= 2.5V (For VCC = +5V).
Figure 3: AC Coupled Non-Inverting Configuration
Figure 4: AC Coupled Inverting Configuration
Dual Supply Operation
The CLC5622 operates on dual supplies as well as
single supplies. The non-inverting and inverting configu-
rations are shown in Figures 5 and 6.
Figure 5: Dual Supply Non-Inverting Configuration
Figure 6: Dual Supply Inverting Configuration
7
http://www.national.com
+
-
1/2
CLC5622
Rf
0.1
µF
6.8
µF
Vo
Vin
Rg
Rt
3
2
4
8
1
V
V
A1
R
R
o
in
v
f
g
== +
+
Vcm
VCC
RL
Vcm
Note: Rt, RL and Rg are tied
to Vcm for minimum power
consumption and maximum
output swing.
Vcm
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
Rb
4
Rg
V
V
A
R
R
o
in
v
f
g
== −
+
Rt
3
2
Vcm
VCC
RL
Vcm
Note: Rb, provides DC bias
for non-inverting input.
Rb, RL and Rt are tied
to Vcm for minimum power
consumption and maximum
output swing.
Vcm
Select Rt to yield
desired Rin = Rt || Rg
+
-
1/2
CLC5622
8
1
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
Rg
R
4
C
Cc
R
+
VV
1
R
R
2.5
o
in
f
g
=+
 +
low frequency cutoff
1
2R C
, where: R
R
2
in
c
in
==
π
RRsource
>>
3
2
VCC
VCC
2
1/2
CLC5622
8
1
1
8
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
R
4
Cc
R
+
VV
R
R
2.5
o
in
f
g
=−
 +
low frequency cutoff
1
2R C
gc
=
π
Rg
3
2
VCC
VCC
2
1/2
CLC5622
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
3
2
4
+
+
Rg
Rt
V
V
A1
R
R
o
in
v
f
g
== +
1/2
CLC5622
8
1
+
-
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
Rg
Rb
3
2
4
+
+
Rt
Note: Rb provides DC bias
for the non-inverting input.
Select Rt to yield desired
Rin = Rt || Rg.
V
V
A
R
R
o
in
v
f
g
== −
1/2
CLC5622
8
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com