Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5622 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5622
Description  Dual, High Output, Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5622 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5622 Datasheet HTML 4Page - National Semiconductor (TI) CLC5622 Datasheet HTML 5Page - National Semiconductor (TI) CLC5622 Datasheet HTML 6Page - National Semiconductor (TI) CLC5622 Datasheet HTML 7Page - National Semiconductor (TI) CLC5622 Datasheet HTML 8Page - National Semiconductor (TI) CLC5622 Datasheet HTML 9Page - National Semiconductor (TI) CLC5622 Datasheet HTML 10Page - National Semiconductor (TI) CLC5622 Datasheet HTML 11Page - National Semiconductor (TI) CLC5622 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
http://www.national.com
where Zo(5622)(jω) is the output impedance of the
CLC5622 and |Zo(5622)(jω)| << Rm.
The load voltage and current will fall in the ranges:
The CLC5622’s high output drive current and low
distortion make it a good choice for this application.
Full Duplex Cable Driver
The circuit shown in Figure 16 below, operates as a full
duplex cable driver which allows simultaneous transmis-
sion and reception of signals on one transmission line.
The circuit on either side of the transmission line uses are
CLC5622 as a cable driver, and the second CLC5622 as
a receiver. VoA is an attenuated version of VinA, while VoB
is an attenuated version of VinB.
Figure 16: Full Duplex Cable Driver
Rm1 is used to match the transmission line. Rf2 and Rg2
set the DC gain of the CLC5622, which is used in a
difference mode. Rt2 provides good CMRR and DC
offset. The transmitting CLC5622’s are shown in a unity
gain configuration because they consume the least
power of any gain, for a given load. For proper operation
we need Rf2 = Rg2.
The receiver output voltages are:
where A is the attenuation of the cable, Zo(5622)(jω) is the
output impedance of the CLC5622 (see the
Closed-Loop
Output Resistance plot), and
|Zo(5622)(jω)| << Rm1.
We selected the component values as follows:
s
Rf1 = 1.2kΩ, the recommended value for
CLC5622 at unity gain
s
Rm1 = Zo = 50Ω, the characteristic impedance
of the transmission line
s
Rf2 = Rg2 = 750Ω ≥ Rm1, the recommended
value for the CLC5622 at Av = 2
s
These values give excellent isolation from the other input:
The CLC5622 provides large output current drive, while
consuming little supply current, at the nominal bias point.
It also produces low distortion with large signal swings
and heavy loads. These features make the CLC5622 an
excellent choice for driving transmission lines.
Rf1
+
-
Rt1
Z0
Rf2
-
+
1/2
CLC5622
VinA
Rg2
Rt2
Rm1
VoB
Rf1
+
-
Rt1
Rf2
-
+
VinB
Rg2
Rt2
Rm1
VoA
1/2
CLC5622
1/2
CLC5622
1/2
CLC5622
R(R
|| R
) –
R
2
25
t2
f2
g2
m1
==
Ω
V
V
38dB, f
5.0MHz
oA(B)
inB(A)
≈−
=
VV
A
V
2
1
R
R
Z(j )
R
outA(B)
inA(B)
inB(A)
f2
g2
o(5622)
m1
≈⋅ +
⋅ −
+
ω
Vn V
I
I
n
o
o
≤⋅
≤
max
max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com