Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5612IM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612IM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC5612IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 16Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Division (Continued)
Dual Supply Operation
The CLC5612 on dual supplies as well as single supplies.
The non-inverting and inverting configurations are shown in
Figure 7, Figure 8, and Figure 9.
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
Vo
0.1
µF
6.8
µF
Vin
Rt
+
VCC
Note: Rb provides DC bias for the
non-inverting input. Select Rt to
yield desired Rin = Rt||1kΩ.
Channel 2 not shown.
Rb
6.8
µF
0.1
µF
+
VEE
DS015001-45
FIGURE 7. Dual Supply, A
V = -1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5612
Vo
0.1
µF
6.8
µF
Vin
Rt
+
VCC
Note: Channel 2 not shown.
6.8
µF
0.1
µF
+
VEE
DS015001-46
FIGURE 8. Dual Supply, A
V = +1V/V Configuration
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com