Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5612IM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5612IM
Description  Dual, High Output, Programmable Gain Buffer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5612IM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button CLC5612IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 14Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 15Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 16Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 17Page - National Semiconductor (TI) CLC5612IM Datasheet HTML 18Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Application Division (Continued)
Layout Considerations
A proper printed circuit layout is essential for achieving high
frequency performance. National provides evaluation boards
for the CLC5612 (CLC730038-DIP, CLC730036-SOIC) and
suggests their use as a guide for high frequency layout and
as an aid for device testing and characterization.
General layout and supply bypassing play major roles in high
frequency performance. Follow the steps below as a basis
for high frequency layout:
•
Include 6.8µF tantalum and 0.1µF ceramic capacitors on
both supplies.
•
Place the 6.8µF capacitors within 0.75 inches of the
power pins.
•
Place the 0.1µF capacitors less than 0.1 inches from the
power pins.
•
Remove the ground plane under and around the part,
especially near the input and output pins to reduce
parasitic capacitance.
•
Minimize all trace lengths to reduce series inductances.
•
Use flush-mount printed circuit board pins for prototyping,
never use high profile DIP sockets.
Evaluation Board Information
A data sheet is available for the CLC730038/CLC730036
evaluation boards. The evaluation board data sheets
provide:
•
Evaluation board schematics
•
Evaluation board layouts
•
General information about the boards
The evaluation boards are designed to accommodate dual
supplies. The boards can be modified to provide dual
supplies. The boards can be modified to provide single
supply operation. For best performance; 1) do not connect
the unused supply, 2) ground the unused supply pin.
Special
Evaluation
Board
Considerations
for
the
CLC5612
To optimize off-isolation of the CLC5612, cut the R
f trace on
both the CLC730038 and the CLC730036 evaluation
boards. This cut minimizes capacitive feedthrough between
the input and the ouptut.
Figure 13 shows where to cut both
evaluation boards for improved off-isolation.
SPICE Models
SPICE models provide a means to evaluate amplifier
designs. Free SPICE models are available for National’s
monolithic amplifiers that:
•
Support Berkeley SPICE 2G and its many deriatives
•
Reproduce typical DC, AC, Transient, and Noise
performance
•
Support room temperature simulations
The readme file that accompanies the diskette lists released
models and provides a list of modeled parameters. The
application note OA-18, Simulation SPICE Models for
National’s
Op
Amps,
contains
schematics
and
a
reproduction of the readme file.
DS015001-61
OUT2
GND
IN2
IN1
OUT1
+Vcc
-Vcc
ROUT2
RG2
RF2
C3
+
C4
+
C1
C2
ROUT1
RF1
RG1 RIN1
RIN2
(970) 226-0500
Cut traces here
730036 Top
DS015001-52
FIGURE 13. Evaluation Board Changes
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com