Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5632 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5632
Description  Dual, High Output, Programmable Gain Buffer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5632 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button CLC5632 Datasheet HTML 9Page - National Semiconductor (TI) CLC5632 Datasheet HTML 10Page - National Semiconductor (TI) CLC5632 Datasheet HTML 11Page - National Semiconductor (TI) CLC5632 Datasheet HTML 12Page - National Semiconductor (TI) CLC5632 Datasheet HTML 13Page - National Semiconductor (TI) CLC5632 Datasheet HTML 14Page - National Semiconductor (TI) CLC5632 Datasheet HTML 15Page - National Semiconductor (TI) CLC5632 Datasheet HTML 16Page - National Semiconductor (TI) CLC5632 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Application Division (Continued)
AC Coupled Single Supply Operation
Figure 4, Figure 5, and Figure 6 show possible non-inverting
and inverting configurations for input signals that go below
0.8V DC.
The input is AC coupled to prevent the need for level shifting
the input signal at the source. The resistive voltage divider
biases the non-inverting input to V
CC ÷ 2 = 2.5V (For VCC =
+5V)
Dual Supply Operation
The CLC5632 operates on dual supplies as well as single
supplies. The non-inverting and inverting configurations are
shown in
Figure 7, , and .
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
V
V
2.5
Low frequency cutoff
1
2R C
o
in
g C
=−
+
=
π
where Rg = 1kΩ.
,
Vo
Note: Channel 2 not shown.
DS015003-42
FIGURE 4. AC Coupled, A
V = −1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
Vo
Note: Channel 2 not shown.
V
V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
DS015003-43
FIGURE 5. AC Coupled, A
V = +1V/V Configuration
V
2V
2.5
Low frequency cutoff
1
2R C
where R
R
2
RR
o
in
in C
in
source
=+
=
=>>
π
,
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
0.1
µF
6.8
µF
Vin
R
R
+
VCC
VCC
CC
Vo
Note: Channel 2 not shown.
C
DS015003-44
FIGURE 6. AC Coupled, A
V = +2V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
Vo
0.1
µF
6.8
µF
Vin
Rt
+
VCC
Note: Rb provides DC bias for the
non-inverting input. Select Rt to
yield desired Rin = Rt||1kΩ.
Channel 2 not shown.
Rb
6.8
µF
0.1
µF
+
VEE
DS015003-45
FIGURE 7. Dual Supply, A
V = −1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
Vo
0.1
µF
6.8
µF
Vin
Rt
+
VCC
Note: Channel 2 not shown.
6.8
µF
0.1
µF
+
VEE
DS015003-46
FIGURE 8. Dual Supply, A
V = +1V/V Configuration
1
7
6
8
5
3
4
2
1k
Ω
1k
Ω
1k
Ω
1k
Ω
CLC5632
Vo
0.1
µF
6.8
µF
Vin
Rt
+
VCC
Note: Channel 2 not shown.
6.8
µF
0.1
µF
+
VEE
DS015003-47
FIGURE 9. Dual Supply, A
V = +2V/V Configuration
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com